Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5706PAPR Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5706PAPR
Description  20-W Stereo Digital Audio Power Amplifier with EQ and DRC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5706PAPR Datasheet(HTML) 46 Page - Texas Instruments

Back Button TAS5706PAPR Datasheet HTML 42Page - Texas Instruments TAS5706PAPR Datasheet HTML 43Page - Texas Instruments TAS5706PAPR Datasheet HTML 44Page - Texas Instruments TAS5706PAPR Datasheet HTML 45Page - Texas Instruments TAS5706PAPR Datasheet HTML 46Page - Texas Instruments TAS5706PAPR Datasheet HTML 47Page - Texas Instruments TAS5706PAPR Datasheet HTML 48Page - Texas Instruments TAS5706PAPR Datasheet HTML 49Page - Texas Instruments TAS5706PAPR Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 62 page
background image
www.ti.com
SOFT MUTE REGISTER (0x06)
TAS5706
SLOS550A – DECEMBER 2007 – REVISED DECEMBER 2007
Bit D3 defines which volume register is used to control the volume of the HP_PWMx outputs when in headphone
mode. When set to 0, the HP volume register (0x0C) controls the volume of the headphone outputs when in
headphone mode. When bit D3 is set to 1, the channel volume registers (0x08–0x0B, 0x0D) are used for all
modes (line out, headphone, speaker).
Bits D2–D1 define the output modes. The default is speaker mode with the headphone mode selectable via the
external HPSEL terminal. The device can also be forced into headphone mode by asserting bit D1 (all other
PWM channels are muted). Asserting bit D2 puts the device into a pseudo-line-out mode where the HP_PWMx
and all other PWM channels are active. Bit D3 must also be asserted in this mode, and the HP_PWMx volume is
controlled with the main speaker output volume controls via registers 0x08–0x0B and 0x0D..
Table 8. System Control Register 2 (0x05)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
–
–
–
–
–
–
–
Reserved (1)
–
1
0
–
–
–
–
–
All channels are shut down (hard mute). VALID1 = 0.
–
1
1
–
–
–
–
–
All channels are shut down (hard mute). VALID1 = 0 (2)
When D6 is deasserted, all channels not belonging to shutdown group (SDG) are started.
–
0
0
–
–
–
–
–
SDG register is 0x19.
–
0
1
–
–
–
–
–
When D6 is deasserted, all channels are started. VALID1 = 1. No channels in SDG1.
–
–
–
0
–
–
–
–
Reserved (2)
Use HP volume register (0x0C) for adjusting headphone volume when in
–
–
–
–
0
–
–
–
headphone mode. (2)
–
–
–
–
1
–
–
–
Use channel volume registers (0x08–0x0B, 0x0D) for all modes.
–
–
–
–
–
0
0
–
Speaker mode. Hardware pin, HPSEL = 1, forces device into headphone mode. (2)
–
–
–
–
–
0
1
–
HP mode. This setting is logically ORed with external HPSEL pin.
Line out mode. Hardware pin, HPSEL, is ignored for this setting. HP_PWMx pins are
–
–
–
–
–
1
0
–
active.
–
–
–
–
–
1
1
–
Reserved
–
–
–
–
–
–
–
0
Reserved (2)
(1)
Default values are in bold.
(2)
Default values are in bold.
Writing a 1 to any of the following bits sets the output of the respective channel to 50% duty cycle. Default is
0x00.
Table 9. Soft Mute Register (0x06)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
–
–
–
–
–
–
–
1
Soft mute channel 1
–
–
–
–
–
–
1
–
Soft mute channel 2
–
–
–
–
–
1
–
–
Soft mute channel 3
–
–
–
–
1
–
–
–
Soft mute channel 4
–
–
1
–
–
–
–
–
Soft mute subwoofer channel (channel 6)
0
0
0
0
0
0
0
0
Unmute all channels (1)
(1)
Default values are in bold.
46
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TAS5706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com