Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5706PAPRG4 Datasheet(PDF) 58 Page - Texas Instruments

Part # TAS5706PAPRG4
Description  20-W Stereo Digital Audio Power Amplifier with EQ and DRC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5706PAPRG4 Datasheet(HTML) 58 Page - Texas Instruments

Back Button TAS5706PAPRG4 Datasheet HTML 54Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 55Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 56Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 57Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 58Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 59Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 60Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 61Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 62Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 58 / 62 page
background image
www.ti.com
DRC CONTROL (0x46)
BANK SWITCH AND HEADPHONE DRC/EQ CONTROL (0x50)
TAS5706
SLOS550A – DECEMBER 2007 – REVISED DECEMBER 2007
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
–
–
–
–
–
–
–
0
DRC1 (satellite channels) turned OFF (1)
–
–
–
–
–
–
–
1
DRC1 (satellite channels) turned ON
–
–
–
–
–
–
0
–
DRC2 (subchannel ) turned OFF (1)
–
–
–
–
–
–
1
–
DRC2 (subchannel ) turned ON
–
–
–
–
–
0
–
–
DRC1 independent of channel 3 (1)
–
–
–
–
–
1
–
–
DRC1 dependent of channel 3
–
–
–
–
0
–
–
–
DRC1 independent of channel 4 (1)
–
–
–
–
1
–
–
–
DRC1 dependent of channel 4
(1)
Default values are in bold.
Table 27. Bank Switching Command
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
–
–
–
–
–
0
0
0
No bank switching. All updates to DAP (1)
–
–
–
–
–
0
0
1
Configure bank 1 (32 kHz)
–
–
–
–
–
0
1
0
Configure bank 2 (44.1/48 kHz)
–
–
–
–
–
0
1
1
Configure bank 3 (88.2/96 kHz and above)
–
–
–
–
–
1
0
0
Automatic bank selection
–
–
0
0
0
–
–
–
Reserved
–
0
–
–
–
–
–
–
DRC disabled in headphone mode (1)
–
1
–
–
–
–
–
–
DRC enabled in headphone mode
0
–
–
–
–
–
–
–
EQ disabled in headphone mode (1)
1
–
–
–
–
–
–
–
EQ enabled in headphone mode
(1)
Default values are in bold.
58
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TAS5706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com