Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WR-60PB-VF-N1-R1500 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # WR-60PB-VF-N1-R1500
Description  WR Series (0.5 mm Pitch, Board-to-Board Connector)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

WR-60PB-VF-N1-R1500 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  WR-60PB-VF-N1-R1500 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. WR-60PB-VF-N1-R1500 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. WR-60PB-VF-N1-R1500 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WR-60PB-VF-N1-R1500
Features
0.5mm pitch, SMT, parallel, 60 pos., Plug, Emboss reel product
Part Number
WR-60PB-VF-N1-R1500
Status
Active
Number of Positions
60 pos.
Contact Pitch (mm)
0.5 mm
Rated Current (A)
0.3 A
Connector Type
Plug
Connector Style
Straight
Number of Rows
2
PCB Mounting Method
Soldering (SMT)
Material of Contact
Phosphor bronze
Finish of Contact in Connecting
Area
Gold plating over Nickel
Minimum Thickness of The
Plating Contact Area
(micrometer)
0.1
Finish of Contact in PCB
Mounting Area
Gold flash plating over Nickel
Product Details


Similar Part No. - WR-60PB-VF-N1-R1500

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
WR-60PB-VF-N1 JAE-WR-60PB-VF-N1 Datasheet
79Kb / 3P
WR Series (0.5 mm Pitch, Board-to-Board Connector)
More results

Similar Description - WR-60PB-VF-N1-R1500

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF25L-20P-0.5H HIROSE-DF25L-20P-0.5H Datasheet
338Kb / 10P
0.5 mm Contact Pitch, Board-to-FPC, Board-to-Fine Coaxial Ribbon Cable
DF30CJ-22DS HIROSE-DF30CJ-22DS Datasheet
865Kb / 11P
0.4 mm Pitch, 0.9 mm Height, Board-to-Board / Board-to-FPC Connectors
DF37 HIROSE-DF37 Datasheet
792Kb / 10P
0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
logo
Molex Electronics Ltd.
53885-0308 MOLEX11-53885-0308 Datasheet
326Kb / 6P
0.5 BOARD TO BOARD Conn PLUG Hgt=2.5mm
logo
Hirose Electric
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
DF37B-50DS-0.4V51 HIROSE-DF37B-50DS-0.4V51 Datasheet
875Kb / 10P
0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
logo
JST Mfg. Co., Ltd.
08JQ-BT JST-08JQ-BT Datasheet
125Kb / 2P
JQ CONNECTOR 2.5 mm pitch/Board-to-board connectors
logo
Wurth Elektronik GmbH &...
61201422323 WURTH-61201422323 Datasheet
810Kb / 6P
WR-BHD Board to Cable Transition Connector
002.000
61202022323 WURTH-61202022323 Datasheet
810Kb / 6P
WR-BHD Board to Cable Transition Connector
002.000
62505022323 WURTH-62505022323 Datasheet
238Kb / 4P
WR-BHD Board-to-Cable Transition Connector
002.000
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com