Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM62A32AMLHAAMB Datasheet(PDF) 58 Page - Texas Instruments

Part # AM62A32AMLHAAMB
Description  AM62Ax Sitara™ Processors
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM62A32AMLHAAMB Datasheet(HTML) 58 Page - Texas Instruments

Back Button AM62A32AMLHAAMB Datasheet HTML 54Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 55Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 56Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 57Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 58Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 59Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 60Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 61Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 247 page
background image
Table 5-24. MCU_GPIO0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
MCU_GPIO0_17
IOD
General Purpose Input/Output
E12
E12
MCU_GPIO0_18
IOD
General Purpose Input/Output
D9
D9
MCU_GPIO0_19
IOD
General Purpose Input/Output
D13
D13
MCU_GPIO0_20
IOD
General Purpose Input/Output
E13
E13
MCU_GPIO0_21
IO
General Purpose Input/Output
D14
D14
MCU_GPIO0_22
IO
General Purpose Input/Output
D12
D12
MCU_GPIO0_23
IO
General Purpose Input/Output
B10
B10
(1)
This GPIO input signal has a debounce function. For more information on I/O Debounce configuration, see the TRM Device
Configuration chapter.
5.3.11 GPMC
5.3.11.1 MAIN Domain
Table 5-25. GPMC0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
GPMC0_ADVn_ALE
O
GPMC Address Valid (active low) or Address
Latch Enable
L18
L18
GPMC0_CLK
O
GPMC clock
N22
N22
GPMC0_DIR
O
GPMC Data Bus Signal Direction Control
K18
K18
GPMC0_FCLK_MUX
O
GPMC functional clock output
N22
N22
GPMC0_OEn_REn
O
GPMC Output Enable (active low) or Read
Enable (active low)
L17
L17
GPMC0_WEn
O
GPMC Write Enable (active low)
K19
K19
GPMC0_WPn
O
GPMC Flash Write Protect (active low)
K17
K17
GPMC0_A0
OZ
GPMC Address 0 Output. Only used to
effectively address 8-bit data non-multiplexed
memories
U22
U22
GPMC0_A1
OZ
GPMC address 1 Output in A/D non-multiplexed
mode and Address 17 in A/D multiplexed mode
U21
U21
GPMC0_A2
OZ
GPMC address 2 Output in A/D non-multiplexed
mode and Address 18 in A/D multiplexed mode
U20
U20
GPMC0_A3
OZ
GPMC address 3 Output in A/D non-multiplexed
mode and Address 19 in A/D multiplexed mode
U19
U19
GPMC0_A4
OZ
GPMC address 4 Output in A/D non-multiplexed
mode and Address 20 in A/D multiplexed mode
T19
T19
GPMC0_A5
OZ
GPMC address 5 Output in A/D non-multiplexed
mode and Address 21 in A/D multiplexed mode
U18
U18
GPMC0_A6
OZ
GPMC address 6 Output in A/D non-multiplexed
mode and Address 22 in A/D multiplexed mode
V22
V22
GPMC0_A7
OZ
GPMC address 7 Output in A/D non-multiplexed
mode and Address 23 in A/D multiplexed mode
V21
V21
GPMC0_A8
OZ
GPMC address 8 Output in A/D non-multiplexed
mode and Address 24 in A/D multiplexed mode
V19
V19
GPMC0_A9
OZ
GPMC address 9 Output in A/D non-multiplexed
mode and Address 25 in A/D multiplexed mode
V18
V18
GPMC0_A10
OZ
GPMC address 10 Output in A/D non-
multiplexed mode and Address 26 in A/D
multiplexed mode
W22
W22
GPMC0_A11
OZ
GPMC address 11 Output in A/D non-
multiplexed mode and unused in A/D
multiplexed mode
W21
W21
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1, AM62A1-Q1
SPRSP77D – MARCH 2023 – REVISED JUNE 2025
www.ti.com
58
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 AM62A1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com