Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM62A32AMLSIAMBQ1 Datasheet(PDF) 38 Page - Texas Instruments

Part # AM62A32AMLSIAMBQ1
Description  AM62Ax Sitara™ Processors
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM62A32AMLSIAMBQ1 Datasheet(HTML) 38 Page - Texas Instruments

Back Button AM62A32AMLSIAMBQ1 Datasheet HTML 34Page - Texas Instruments AM62A32AMLSIAMBQ1 Datasheet HTML 35Page - Texas Instruments AM62A32AMLSIAMBQ1 Datasheet HTML 36Page - Texas Instruments AM62A32AMLSIAMBQ1 Datasheet HTML 37Page - Texas Instruments AM62A32AMLSIAMBQ1 Datasheet HTML 38Page - Texas Instruments AM62A32AMLSIAMBQ1 Datasheet HTML 39Page - Texas Instruments AM62A32AMLSIAMBQ1 Datasheet HTML 40Page - Texas Instruments AM62A32AMLSIAMBQ1 Datasheet HTML 41Page - Texas Instruments AM62A32AMLSIAMBQ1 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 247 page
background image
Table 5-1. Pin Attributes (AMB, ANF Packages) (continued)
AMB
BALL
NUMBER
[1]
ANF
BALL
NUMBER
[1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE
[5]
DSIS
[6]
BALL
STATE
DURING
RESET
(RX/TX/PULL) [7]
BALL
STATE
AFTER
RESET
(RX/TX/PULL) [8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE
[10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
A14
A14
TCK
PADCONFIG:
MCU_PADCONFIG25
0x04084064
TCK
0
I
On / Off / Up
On / Off / Up
0
1.8V / 3.3V
VDDSHV_MCU
Yes
LVCMOS
PU/PD
A16
A16
TDI
PADCONFIG:
MCU_PADCONFIG27
0x0408406C
TDI
0
I
On / Off / Up
On / Off / Up
0
1.8V / 3.3V
VDDSHV_MCU
Yes
LVCMOS
PU/PD
C14
C14
TDO
PADCONFIG:
MCU_PADCONFIG28
0x04084070
TDO
0
OZ
Off / Off / Up
Off / SS / Up
0
1.8V / 3.3V
VDDSHV_MCU
Yes
LVCMOS
PU/PD
B14
B14
TMS
PADCONFIG:
MCU_PADCONFIG29
0x04084074
TMS
0
I
On / Off / Up
On / Off / Up
0
1.8V / 3.3V
VDDSHV_MCU
Yes
LVCMOS
PU/PD
F15
F15
TRSTn
PADCONFIG:
MCU_PADCONFIG26
0x04084068
TRSTn
0
I
On / Off / Down
On / Off / Down
0
1.8V / 3.3V
VDDSHV_MCU
Yes
LVCMOS
PU/PD
F14
F14
UART0_CTSn
PADCONFIG:
PADCONFIG116
0x000F41D0
UART0_CTSn
0
I
1
Off / Off / Off
Off / Off / Off
7
1.8V / 3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
SPI0_CS2
1
IO
1
I2C3_SCL
2
IOD
1
UART2_RXD
3
I
1
TIMER_IO6
4
IO
0
AUDIO_EXT_REFCLK0
5
IO
0
GPIO1_22
7
IO
pad
MCASP2_AFSX
8
IO
0
MMC2_SDCD
9
I
0
C15
C15
UART0_RTSn
PADCONFIG:
PADCONFIG117
0x000F41D4
UART0_RTSn
0
O
Off / Off / Off
Off / Off / Off
7
1.8V / 3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
SPI0_CS3
1
IO
1
I2C3_SDA
2
IOD
1
UART2_TXD
3
O
TIMER_IO7
4
IO
0
AUDIO_EXT_REFCLK1
5
IO
0
GPIO1_23
7
IO
pad
MCASP2_ACLKX
8
IO
0
MMC2_SDWP
9
I
0
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1, AM62A1-Q1
SPRSP77D – MARCH 2023 – REVISED JUNE 2025
www.ti.com
38
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 AM62A1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com