Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EP2S180 Datasheet(PDF) 39 Page - Altera Corporation

Part # EP2S180
Description  DSP Development Board
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2S180 Datasheet(HTML) 39 Page - Altera Corporation

Back Button EP2S180 Datasheet HTML 35Page - Altera Corporation EP2S180 Datasheet HTML 36Page - Altera Corporation EP2S180 Datasheet HTML 37Page - Altera Corporation EP2S180 Datasheet HTML 38Page - Altera Corporation EP2S180 Datasheet HTML 39Page - Altera Corporation EP2S180 Datasheet HTML 40Page - Altera Corporation EP2S180 Datasheet HTML 41Page - Altera Corporation EP2S180 Datasheet HTML 42Page - Altera Corporation EP2S180 Datasheet HTML 43Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
Altera Corporation
Core Version a.b.c variable
2–31
Stratix II EP2S180 DSP Development Board Reference Manual
Board Components & Interfaces
Ethernet MAC/PHY (U16)
The LAN91C111 (U16) is a mixed signal analog/digital device that
implements protocols at 10 Mbps and 100 Mbps. The control pins of U16
are connected to the Stratix II device so that user logic (e.g., the Nios II
processor) can access Ethernet via the RJ-45 connector (RJ1). Refer to
Table 2–26 for Stratix II pin-outs for Ethernet MAC/PHY device U16.t
Table 2–26. Ethernet MAC/PHY (U16) (Part 1
of 3)
Pin Name
Pin Number
ENET_ADS_N
AA25
ENET_AEN
AC25
ENET_BE_N0
AE26
ENET_BE_N1
AE25
ENET_BE_N2
AD25
ENET_BE_N3
AD24
ENET_DATACS_N
T20
ENET_INTRQ0
AB23
ENET_IOCHRDY
V26
ENET_IOR_N
AC24
ENET_IOW_N
AB26
ENET_LDEV_N
T26
enet_RESET_n
ENET_SRDY_N
T25
ENET_W_R_N
T21
SE_A0
AD8
SE_A1
AM27
SE_A2
AM28
SE_A3
AJ27
SE_A4
AK27
SE_A5
AL29
SE_A6
AM29
SE_A7
AJ28
SE_A8
AH28
SE_A9
AK20
SE_A10
AJ20
SE_A11
AL21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com