Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3544M-L/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # LM3544M-L/NOPB
Description  4-ch, 0.5A loading, 2.7-5.5V, 90mΩ USB power switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3544M-L/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3544M-L/NOPB Datasheet HTML 4Page - Texas Instruments LM3544M-L/NOPB Datasheet HTML 5Page - Texas Instruments LM3544M-L/NOPB Datasheet HTML 6Page - Texas Instruments LM3544M-L/NOPB Datasheet HTML 7Page - Texas Instruments LM3544M-L/NOPB Datasheet HTML 8Page - Texas Instruments LM3544M-L/NOPB Datasheet HTML 9Page - Texas Instruments LM3544M-L/NOPB Datasheet HTML 10Page - Texas Instruments LM3544M-L/NOPB Datasheet HTML 11Page - Texas Instruments LM3544M-L/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LM3544
SNVS062C – AUGUST 2000 – REVISED MAY 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Figure 16. Turn-On/Turn-Off Response with 47
Ω/33μF Load
Figure 17. Turn-On/Turn-Off Response with 10
Ω/33μF Load
Figure 18. Enable Into a Short(2)
Figure 19. Short Connected to Enabled Device(2)
Figure 20. Over-Current Response with Ramped Load on
Figure 21. Inrush Current to Downstream Device when
OUT1 and Fixed Load on OUT2(3)
LM3544 is Enabled(4)
(2)
Output is shorted to Ground through a 100 m
Ω resistor.
(3)
Output is shorted to Ground through a 100 m
Ω resistor.
(4)
Load is two capacitors and one resistor in parallel to model an actual USB load condition. The first capacitor has a value of 33
μF to
model the LM3544 output capacitor. The second capacitor has a value of 10
μF to model the maximum allowable input capacitance of
the downstream device. The resistor is a 47
Ω resistor to model the maximum allowable input resistance of the downstream device.
8
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM3544



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com