Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74ACT08DBLE Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74ACT08DBLE
Description  QUADROPLE 2-INPUT POSITIVE - AND GATES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT08DBLE Datasheet(HTML) 1 Page - Texas Instruments

  SN74ACT08DBLE Datasheet HTML 1Page - Texas Instruments SN74ACT08DBLE Datasheet HTML 2Page - Texas Instruments SN74ACT08DBLE Datasheet HTML 3Page - Texas Instruments SN74ACT08DBLE Datasheet HTML 4Page - Texas Instruments SN74ACT08DBLE Datasheet HTML 5Page - Texas Instruments SN74ACT08DBLE Datasheet HTML 6Page - Texas Instruments SN74ACT08DBLE Datasheet HTML 7Page - Texas Instruments SN74ACT08DBLE Datasheet HTML 8Page - Texas Instruments SN74ACT08DBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SN54ACT08, SN74ACT08
QUADRUPLE 2INPUT POSITIVEAND GATES
SCAS535C − SEPTEMBER 1995 − REVISED OCTOBER 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 4.5-V to 5.5-V VCC Operation
D Inputs Accept Voltages to 5.5 V
D Max tpd of 10 ns at 5 V
D Inputs Are TTL-Voltage Compatible
SN54ACT08 ... J OR W PACKAGE
SN74ACT08 ... D, DB, N, NS, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
NC
4Y
NC
3B
1Y
NC
2A
NC
2B
SN54ACT08 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
description/ordering information
The ’ACT08 devices are quadruple 2-input positive-AND gates. These devices perform the Boolean functions
Y = A
 B or Y = A + B in positive logic.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube
SN74ACT08N
SN74ACT08N
SOIC − D
Tube
SN74ACT08D
ACT08
SOIC − D
Tape and reel
SN74ACT08DR
ACT08
−40
°C to 85°C
SOP − NS
Tape and reel
SN74ACT08NSR
ACT08
−40 C to 85 C
SSOP − DB
Tape and reel
SN74ACT08DBR
AD08
TSSOP − PW
Tube
SN74ACT08PW
AD08
TSSOP − PW
Tape and reel
SN74ACT08PWR
AD08
CDIP − J
Tube
SNJ54ACT08J
SNJ54ACT08J
−55
°C to 125°C
CFP − W
Tube
SNJ54ACT08W
SNJ54ACT08W
−55 C to 125 C
LCCC − FK
Tube
SNJ54ACT08FK
SNJ54ACT08FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
OUTPUT
Y
H
H
H
L
XL
X
L
L
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN74ACT08DBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT08DBLE TI-SN74ACT08DBLE Datasheet
512Kb / 15P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN74ACT08DBLE TI-SN74ACT08DBLE Datasheet
658Kb / 17P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results

Similar Description - SN74ACT08DBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5408 TI-SN5408 Datasheet
625Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHCT08 TI-SN54AHCT08 Datasheet
83Kb / 6P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54HC08 TI-SN54HC08 Datasheet
77Kb / 14P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI-SN54LVC08A Datasheet
111Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI-CD54ACT08 Datasheet
302Kb / 9P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54ALS08 TI-SN54ALS08_07 Datasheet
635Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LV08A TI-SN54LV08A_08 Datasheet
829Kb / 18P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN74LVC08A_101 TI-SN74LVC08A_101 Datasheet
899Kb / 24P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
logo
Unisonic Technologies
U74AHC08 UTC-U74AHC08_15 Datasheet
160Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
logo
Texas Instruments
SN74LV08A TI1-SN74LV08A Datasheet
1Mb / 28P
Quadruple 2-Input Positive-AND Gates
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com