Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1NK60Z Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 1NK60Z
Description  N-CHANNEL 600V 13 OHM 0.8A TO-92/IPAK/SOT-223 Zener-Protected SuperMESH MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1NK60Z Datasheet(HTML) 2 Page - Microsemi Corporation

  1NK60Z Datasheet HTML 1Page - Microsemi Corporation 1NK60Z Datasheet HTML 2Page - Microsemi Corporation 1NK60Z Datasheet HTML 3Page - Microsemi Corporation 1NK60Z Datasheet HTML 4Page - Microsemi Corporation 1NK60Z Datasheet HTML 5Page - Microsemi Corporation 1NK60Z Datasheet HTML 6Page - Microsemi Corporation 1NK60Z Datasheet HTML 7Page - Microsemi Corporation 1NK60Z Datasheet HTML 8Page - Microsemi Corporation 1NK60Z Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Electrical ratings
STD1LNK60Z-1 - STQ1NK60ZR - STN1NK60Z
2/14
Rev 7
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
IPAK
TO-92
SOT-223
VDS
Drain-Source Voltage (VGS = 0)
600
V
VDGR
Drain-Gate Voltage (RGS = 20KΩ)600
V
VGS
Gate-Source Voltage
± 30
V
ID
Drain Current (continuous) at TC = 25°C
0.8
0.3
0.3
A
ID
Drain Current (continuous) at TC=100°C
0.5
0.189
A
IDM
(1)
1.
Pulse width limited by safe operating area
Drain Current (pulsed)
3.2
1.2
A
PTOT
Total Dissipation at TC = 25°C
25
3
3.3
W
Derating Factor
0.24
0.25
0.26
W/°C
VESD(G-D)
Gate source ESD(HBM-C=100pF, R=1.5K
Ω)
800
V
dv/dt(2)
2.
ISD ≤0.3A, di/dt ≤200A/µs, VDD =80%V(BR)DSS
Peak Diode Recovery voltage slope
4.5
V/ns
TJ
Tstg
Operating Junction Temperature
Storage Temperature
-55 to 150
°C
Table 2.
Thermal resistance
Symbol
Parameter
Value
Unit
IPAK
TO-92
SOT-223
Rthj-case
Thermal resistance junction-case Max
5
--
--
°C/W
Rthj-a
Thermal resistance junction-ambient Max
100
120
37.87(1)
1.
When mounted on 1 inch² FR-4 board, 2 Oz Cu
°C/W
Rthj-lead
Thermal resistance junction-lead Max
--
40
--
°C/W
Tl
Maximum lead temperature for soldering
purpose
275
260
°C
Table 3.
Avalanche data
Symbol
Parameter
Value
Unit
IAR
Avalanche Curent, Repetitive or Noy-Repetitive
(pulse width limited by Tj Max)
0.8
A
EAS
Single pulse avalanche Energy
(starting Tj=25°C, Id=Iar, Vdd=50V)
60
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com