Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PX0552/PC Datasheet(PDF) 7 Page - Bulgin Limited. All rights reserved.

Part # PX0552/PC
Description  General Purpose Connectors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PX0552/PC Datasheet(HTML) 7 Page - Bulgin Limited. All rights reserved.

  PX0552/PC Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PX0552/PC Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PX0552/PC Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PX0552/PC Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PX0552/PC Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PX0552/PC Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PX0552/PC Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PX0552/PC Datasheet HTML 8Page - Bulgin Limited. All rights reserved. PX0552/PC Datasheet HTML 9Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www.bulgin.co.uk
149
GENERAL PURPOSE CONNECTORS
Plugs and Sockets (3 & 4 pole)
SA2403 (3 Pole)
SA2367 (4 Pole)
SA2404 (3 Pole)
SA2368 (4 Pole)
Mates with SA2404 (3 pole)
and SA2368 (4 pole)
Key to Ensure Correct Polarity
Screw Terminals
3A, 250V a.c.
Mates with SA2403 (3 pole)
and SA2367 (4 pole)
Key Way to Ensure Correct
Polarity
Solder Sockets
3A, 250V a.c.
SA2403 (3 Pole)
SA2404 (3 Pole)
Specification
SA2367 (4 Pole)
SA2368 (4 Pole)
Terminations:
Screw Terminals
Solder Buckets
Max. Rating:
3A, 250V a.c.
3A, 250V a.c.
Contact Resistance:
<10m
Ω
<10m
Ω
Insulation Resistance:
>104 M
Ω
>104 M
Ω
A.C. Breakdown:
Pole-Pole 4.2kV
Pole-Pole 4.2kV
Poles-Accessible Parts 2kV
Poles-Panel 8.2kV
Operating Temp. Range:
–20˚C to +70˚C
–20˚C to +70˚C
Mouldings:
Glass Filled Nylon
Glass Filled Nylon
Contacts:
Brass, Nickel Plated
Brass, Tin Plated
Accessories:
P.No. 9455 (see page 151)
Mates With:
3 Pole - SA2404
3 Pole - SA2403
4 Pole - SA2368
4 Pole - SA2367
Compliant
Compliant
CIRCULAR MALE CONNECTOR
CIRCULAR FEMALE OUTLET
RoHS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com