Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PX0911/03/P Datasheet(PDF) 1 Page - Bulgin Limited. All rights reserved.

Part # PX0911/03/P
Description  900 Series Buccaneer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PX0911/03/P Datasheet(HTML) 1 Page - Bulgin Limited. All rights reserved.

  PX0911/03/P Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PX0911/03/P Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PX0911/03/P Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PX0911/03/P Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PX0911/03/P Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PX0911/03/P Datasheet HTML 6Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Circular Power Connectors 15
BUCCANEER FOR POWER
900 Series Buccaneer
IP68 rating tested at 1.054kg/sq cm (15lb/sq in)
10m depth for 2 weeks
IP69K, Tested in accordance with DIN 40050/Part 9 IP6k9k
32A, 600V AC/DC rating
2, 3, 4, 5, 7 and 10 Contact
Plug or socket connection in each body style
Water and dustproof to IP68 when mated
‘Scoop proof’ contacts
Field termination - screw terminations
Positive locating keyways - cannot be
mis-connected
Sealing caps available to maintain IP68 rating of
unmated connectors
Leading earth contact for 3, 4, 5 and 7 Contact versions
EN60068-2-52 Test Kb Salt Mist (Cyclic) Marine Severity
Level 1
Trailing Neutral on 5 Contact
Compact design
Easy assembly - no special tools required
Single or 3 phase applications
Bulkhead moulding available for use with flange
mounting body for 45° or 90° mounting (order each
separately)
Cost effective solution
Cable accomodation 7-22mm O/D
Two cable connector versions for 15mm and 22mm
(maximum) cable diameters
Separate strain relief on large cable version
UL, CSA and VDE approvals


Similar Part No. - PX0911/03/P

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0911/03/P BULGIN-PX0911/03/P Datasheet
451Kb / 6P
900 Series Buccaneer짰
logo
Bulgin Limited. All rig...
PX0911/03/P BULGINLIMITED-PX0911/03/P Datasheet
360Kb / 6P
900 Series Buccaneer
PX0911/03/P/1 BULGINLIMITED-PX0911/03/P/1 Datasheet
360Kb / 6P
900 Series Buccaneer
PX0911/03/P/2 BULGINLIMITED-PX0911/03/P/2 Datasheet
360Kb / 6P
900 Series Buccaneer
PX0911/03/P/3 BULGINLIMITED-PX0911/03/P/3 Datasheet
360Kb / 6P
900 Series Buccaneer
More results

Similar Description - PX0911/03/P

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0407 BULGIN-PX0407 Datasheet
65Kb / 1P
Buccaneer Antenna
PX0441 BULGIN-PX0441 Datasheet
300Kb / 5P
IP68 Sealed - Mini USB Buccaneer
logo
List of Unclassifed Man...
PX0413 ETC2-PX0413 Datasheet
95Kb / 2P
400 Series Buccaneer
SA3150 ETC2-SA3150 Datasheet
153Kb / 4P
Mini Buccaneer
PX0731 ETC2-PX0731 Datasheet
3Mb / 9P
BUCCANEER FOR POWER
PX0416 ETC2-PX0416 Datasheet
204Kb / 4P
SMB Buccaneer
PX0840A2M00 ETC2-PX0840A2M00 Datasheet
556Kb / 7P
USB Buccaneer
SA3350 ETC2-SA3350 Datasheet
1Mb / 6P
400 Series Buccaneer
4000SERIES ETC2-4000SERIES Datasheet
1Mb / 6P
4000 Series Buccaneer
logo
MKS Instruments.
PDR900 MKS-PDR900 Datasheet
258Kb / 4P
Series 900 controller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com