Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PX0911/02/S Datasheet(PDF) 4 Page - Bulgin Limited. All rights reserved.

Part # PX0911/02/S
Description  900 Series Buccaneer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PX0911/02/S Datasheet(HTML) 4 Page - Bulgin Limited. All rights reserved.

  PX0911/02/S Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PX0911/02/S Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PX0911/02/S Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PX0911/02/S Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PX0911/02/S Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PX0911/02/S Datasheet HTML 6Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
18 Circular Power Connectors
Accessories
BUCCANEER FOR POWER
900 Series Buccaneer
Additional Bulkhead Adaptor Moulding
Additional Bulkhead Adaptor Moulding
PX0950
PX0950 & PX0941
For use with flange mounting
connector PX0941, to give
45° or 90° angle
Supplied with high grade
sealing gasket
Supplied with sealing
grommets for panel fixing
screws (M6 thread
recommended)
Sealing Caps
Cable Glands
PX0960, PX0970, PX0990, PX0991, PX0992
PX0980, PXA980
Sealing caps to maintain IP68
rating of unmated connectors,
with plastic straps
Heavy duty sealing caps to
maintain IP68 rating of
unmated connectors, with
stainless steel straps
Packs of 3 additional pairs Cable
Glands
Sealing Caps
PX0960
Sealing cap for use with PX0911/xx/x
and PXA911/xx/x
Sealing cap for use with all other styles
PX0970
Heavy duty sealing cap for use with
PX0921/xx/x and PXA921/xx/x
PX0991
Heavy duty sealing cap for use with
PX0931Wand PX0941
PX0992
PX0990
Heavy duty sealing cap for use with
PX0911/xx/x and PXA911/xx/x
PX0980
Pack of 3 additional cable glands for
PX0911 and PX0921 to suit cable sizes:
7-9mm (dark grey), 9-11mm (white) and
11-13mm (Black) diameter
Pack of 3 additional cable glands for
PXA911 and PXA921 to suit cable sizes:
14-16mm (dark grey), 16-18mm (white)
and 18-20mm (black) diameter
PXA980
Gland Packs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com