Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L462CEI6 Datasheet(PDF) 93 Page - STMicroelectronics

Part # STM32L462CEI6
Description  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, 512KB Flash, 160KB SRAM, analog, audio, AES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L462CEI6 Datasheet(HTML) 93 Page - STMicroelectronics

Back Button STM32L462CEI6 Datasheet HTML 89Page - STMicroelectronics STM32L462CEI6 Datasheet HTML 90Page - STMicroelectronics STM32L462CEI6 Datasheet HTML 91Page - STMicroelectronics STM32L462CEI6 Datasheet HTML 92Page - STMicroelectronics STM32L462CEI6 Datasheet HTML 93Page - STMicroelectronics STM32L462CEI6 Datasheet HTML 94Page - STMicroelectronics STM32L462CEI6 Datasheet HTML 95Page - STMicroelectronics STM32L462CEI6 Datasheet HTML 96Page - STMicroelectronics STM32L462CEI6 Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 198 page
background image
Table 24. Current consumption in Run and Low-power run modes, code with data processing
running from Flash, ART enable (Cache ON Prefetch OFF)
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
Voltage
scaling
fHCLK
25 °C 55 °C 85 °C
105 °C 125 °C 25 °C
55 °C
85 °C 105 °C 125 °C
IDD_ALL
(Run)
Supply
current in
Run mode
fHCLK = fHSE up to
48MHz included,
bypass mode
PLL ON above
48 MHz all
peripherals disable
Range 2
26 MHz
2.35
2.40
2.50
2.65
3.00
2.65
2.75
2.90
3.20
3.75
mA
16 MHz
1.50
1.55
1.65
1.80
2.15
1.70
1.75
1.95
2.20
2.80
8 MHz
0.815 0.845 0.940
1.10
1.45
0.95
1.00
1.15
1.45
2.00
4 MHz
0.465 0.495 0.595
0.760
1.10
0.55
0.60
0.75
1.05
1.60
2 MHz
0.295 0.320 0.420
0.580
0.910
0.35
0.40
0.55
0.85
1.40
1 MHz
0.205 0.235 0.330
0.495
0.825
0.25
0.30
0.45
0.75
1.30
100 kHz 0.130 0.155 0.250
0.415
0.745
0.15
0.25
0.40
0.65
1.25
Range 1
80 MHz
8.45
8.50
8.65
8.90
9.25
9.45
9.50
9.75
10.10
10.75
72 MHz
7.65
7.70
7.85
8.05
8.45
8.50
8.60
8.80
9.15
9.85
64 MHz
6.80
6.85
7.00
7.20
7.60
7.60
7.70
7.90
8.25
8.90
48 MHz
5.10
5.15
5.25
5.45
5.85
5.70
5.80
6.00
6.35
7.00
32 MHz
3.45
3.50
3.60
3.80
4.20
3.85
3.95
4.15
4.50
5.15
24 MHz
2.60
2.65
2.80
2.95
3.35
2.95
3.05
3.20
3.55
4.20
16 MHz
1.80
1.85
1.95
2.15
2.50
2.00
2.10
2.30
2.60
3.25
IDD_ALL
(LPRun)
Supply
current in
Low-power
run mode
fHCLK = fMSI
all peripherals disable
2 MHz
225
260
365
550
900
275
335
470
770
1400
µA
1 MHz
130
160
270
450
800
170
225
375
670
1300
400 kHz
73.0
99.5
205
385
735
105
165
325
600
1250
100 kHz
38.0
71.0
175
355
705
70
140
315
565
1200
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com