Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

0201JS-7W1M Datasheet(PDF) 1 Page - YAGEO Corporation

Part # 0201JS-7W1M
Description   Halogen Free Epoxy
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

0201JS-7W1M Datasheet(HTML) 1 Page - YAGEO Corporation

  0201JS-7W1M Datasheet HTML 1Page - YAGEO Corporation 0201JS-7W1M Datasheet HTML 2Page - YAGEO Corporation 0201JS-7W1M Datasheet HTML 3Page - YAGEO Corporation 0201JS-7W1M Datasheet HTML 4Page - YAGEO Corporation 0201JS-7W1M Datasheet HTML 5Page - YAGEO Corporation 0201JS-7W1M Datasheet HTML 6Page - YAGEO Corporation 0201JS-7W1M Datasheet HTML 7Page - YAGEO Corporation 0201JS-7W1M Datasheet HTML 8Page - YAGEO Corporation 0201JS-7W1M Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DATA SHEET
GENERAL PURPOSE CHIP RESISTORS
RC_L series
±0.1%, ±0.
5%, ±1%, ±5%
Sizes 0075/0100/0201/0402/0603/0805/
1206/1210/1218/2010/2512
RoHS compliant & Halogen free


Similar Part No. - 0201JS-7W1M

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
0201JCX7R5BB333 YAGEO-0201JCX7R5BB333 Datasheet
501Kb / 20P
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
0201JCX7R6BB333 YAGEO-0201JCX7R6BB333 Datasheet
501Kb / 20P
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
0201JCX7R7BB333 YAGEO-0201JCX7R7BB333 Datasheet
501Kb / 20P
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
0201JCX7R8BB333 YAGEO-0201JCX7R8BB333 Datasheet
501Kb / 20P
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
0201JCX7R9BB333 YAGEO-0201JCX7R9BB333 Datasheet
501Kb / 20P
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - 0201JS-7W1M

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PGB1010402 LITTELFUSE-PGB1010402_12 Datasheet
239Kb / 4P
PGB1 Series Halogen-Free / Lead-Free
PGB1010603MR LITTELFUSE-PGB1010603MR Datasheet
239Kb / 4P
PGB1 Series Halogen-Free / Lead-Free
logo
List of Unclassifed Man...
RC0402JR-073K3L ETC2-RC0402JR-073K3L Datasheet
309Kb / 9P
Halogen Free Epoxy Reducing environmentally
logo
YAGEO Corporation
PF2512FKF070R01L YAGEO-PF2512FKF070R01L Datasheet
332Kb / 10P
RoHS compliant & Halogen free
logo
Infineon Technologies A...
ESD113-B1 INFINEON-ESD113-B1 Datasheet
740Kb / 16P
Pb-free and halogen-free package
Revision 1.2, 2014-05-14
ESD205-B1 INFINEON-ESD205-B1 Datasheet
969Kb / 16P
Pb-free and halogen free package
Revision 1.4, 2014-05-14
logo
Kingboard Laminates Hol...
KB-5150G KINGBOARD-KB-5150G Datasheet
206Kb / 2P
Copper-clad foil halogen-free epoxy paper core glass cloth composite laminate
KB-5252 KINGBOARD-KB-5252 Datasheet
191Kb / 2P
Copper-clad foil halogen-free epoxy paper core glass cloth composite laminate
logo
List of Unclassifed Man...
H5AN4G4NBJR ETC2-H5AN4G4NBJR Datasheet
716Kb / 48P
Lead-Free&Halogen-Free
Rev. 1.7 Mar. 2018
H5AN8G4NCJR ETC2-H5AN8G4NCJR Datasheet
844Kb / 47P
Lead-Free&Halogen-Free
Rev. 1.5 Mar.2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com