Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25P20-VMP6P/X Datasheet(PDF) 1 Page - Numonyx B.V

Part # M25P20-VMP6P/X
Description  2 Mbit, low voltage, Serial Flash memory with 50MHz SPI bus interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P20-VMP6P/X Datasheet(HTML) 1 Page - Numonyx B.V

  M25P20-VMP6P/X Datasheet HTML 1Page - Numonyx B.V M25P20-VMP6P/X Datasheet HTML 2Page - Numonyx B.V M25P20-VMP6P/X Datasheet HTML 3Page - Numonyx B.V M25P20-VMP6P/X Datasheet HTML 4Page - Numonyx B.V M25P20-VMP6P/X Datasheet HTML 5Page - Numonyx B.V M25P20-VMP6P/X Datasheet HTML 6Page - Numonyx B.V M25P20-VMP6P/X Datasheet HTML 7Page - Numonyx B.V M25P20-VMP6P/X Datasheet HTML 8Page - Numonyx B.V M25P20-VMP6P/X Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
December 2007
Rev 11
1/50
1
M25P20
2 Mbit, low voltage, Serial Flash memory
with 50MHz SPI bus interface
Feature summary
■ 2 Mbit of Flash Memory
■ Page Program (up to 256 Bytes) in 1.4ms
(typical)
■ Sector Erase (512 Kbit) in 1s (typical)
■ Bulk Erase (2 Mbit) in 3s (typical)
■ 2.7 to 3.6V Single Supply Voltage
■ SPI Bus Compatible Serial Interface
■ 50MHz Clock Rate (maximum)
■ Deep Power-down Mode 1
μA (typical)
■ Electronic Signatures
– JEDEC Standard two-Byte Signature
(2012h)
– RES Instruction, One-Byte, Signature
(11h), for backward compatibility
■ Packages
– ECOPACK® (RoHS compliant)
SO8 (MN)
150 mil width
VFQFPN8 (MP)
(MLP8)
www.numonyx.com


Similar Part No. - M25P20-VMP6P/X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25P20-VMP6P/X STMICROELECTRONICS-M25P20-VMP6P/X Datasheet
395Kb / 50P
2 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
05-Jun-2006
More results

Similar Description - M25P20-VMP6P/X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25P40 STMICROELECTRONICS-M25P40 Datasheet
262Kb / 40P
4 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
05-Aug-2004
M25P64 STMICROELECTRONICS-M25P64 Datasheet
519Kb / 38P
64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
24-Feb-2005
M25P80 STMICROELECTRONICS-M25P80 Datasheet
563Kb / 41P
8 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
05-Aug-2004
M25P32 STMICROELECTRONICS-M25P32 Datasheet
506Kb / 39P
32 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
01-Oct-2004
M25P128 STMICROELECTRONICS-M25P128 Datasheet
303Kb / 41P
128 Mbit (Multilevel), Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
20-Jan-2006
M25P20 STMICROELECTRONICS-M25P20 Datasheet
395Kb / 50P
2 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
05-Jun-2006
M25P64 STMICROELECTRONICS-M25P64_07 Datasheet
375Kb / 49P
64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
19-Jan-2007
M25P10-A STMICROELECTRONICS-M25P10-A_06 Datasheet
392Kb / 49P
1 Mbit, low voltage, Serial Flash memory with 50MHz SPI bus interface
05-Jun-2006
logo
AMIC Technology
A25L40P AMICC-A25L40P Datasheet
473Kb / 38P
4 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
A25L16P AMICC-A25L16P_07 Datasheet
510Kb / 38P
16 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com