Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25P05-AVMP6TG Datasheet(PDF) 40 Page - Numonyx B.V

Part # M25P05-AVMP6TG
Description  512 Kbit, serial Flash memory, 50 MHz SPI bus interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P05-AVMP6TG Datasheet(HTML) 40 Page - Numonyx B.V

Back Button M25P05-AVMP6TG Datasheet HTML 36Page - Numonyx B.V M25P05-AVMP6TG Datasheet HTML 37Page - Numonyx B.V M25P05-AVMP6TG Datasheet HTML 38Page - Numonyx B.V M25P05-AVMP6TG Datasheet HTML 39Page - Numonyx B.V M25P05-AVMP6TG Datasheet HTML 40Page - Numonyx B.V M25P05-AVMP6TG Datasheet HTML 41Page - Numonyx B.V M25P05-AVMP6TG Datasheet HTML 42Page - Numonyx B.V M25P05-AVMP6TG Datasheet HTML 43Page - Numonyx B.V M25P05-AVMP6TG Datasheet HTML 44Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
DC and AC parameters
M25P05-A
40/52
Table 15.
AC characteristics (25 MHz operation)
Test conditions specified in Table 10 and Table 11.
Symbol
Alt.
Parameter
Min
Typ
Max
Unit
fC
fC
Clock frequency for the following instructions:
FAST_READ, PP, SE, BE, DP, RES, WREN, WRDI,
RDSR, WRSR
D.C.
25
MHz
fR
Clock frequency for read instructions
D.C.
20
MHz
tCH
(1)
1.
tCH + tCL must be greater than or equal to 1/ fC.
tCLH Clock high time
18
ns
tCL
(1)
tCLL Clock low time
18
ns
tCLCH
(2)
2.
Value guaranteed by characterization, not 100% tested in production.
Clock rise time(3) (peak to peak)
3.
Expressed as a slew-rate.
0.1
V/ns
tCHCL
(2)
Clock fall time(3) (peak to peak)
0.1
V/ns
tSLCH
tCSS S active setup time (relative to C)
10
ns
tCHSL
S not active hold time (relative to C)
10
ns
tDVCH
tDSU Data in setup time
5
ns
tCHDX
tDH
Data in hold time
5
ns
tCHSH
S active hold time (relative to C)
10
ns
tSHCH
S not active setup time (relative to C)
10
ns
tSHSL
tCSH S deselect time
100
ns
tSHQZ
(2)
tDIS Output disable time
15
ns
tCLQV
tV
Clock Low to Output Valid
15
ns
tCLQX
tHO
Output hold time
0
ns
tHLCH
HOLD setup time (relative to C)
10
ns
tCHHH
HOLD hold time (relative to C)
10
ns
tHHCH
HOLD setup time (relative to C)
10
ns
tCHHL
HOLD hold time (relative to C)
10
ns
tHHQX
(2)
tLZ
HOLD to Output Low-Z
15
ns
tHLQZ
(2)
tHZ
HOLD to Output High-Z
20
ns
tWHSL
(4)
4.
Only applicable as a constraint for a WRSR instruction when SRWD is set to ‘1’.
Write protect setup time
20
ns
tSHWL
(4)
Write protect hold time
100
ns
tDP
(2)
S High to deep power-down mode
3
µs
tRES1
(2)
S High to standby mode without electronic signature
read
3
µs
tRES2
(2)
S High to standby mode with electronic signature
read
1.8
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com