Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25PE16-VMP6TP Datasheet(PDF) 56 Page - Numonyx B.V

Part # M25PE16-VMP6TP
Description  16-Mbit, page-erasable serial flash memory with byte-alterability, 75 MHz SPI bus, standard pinout
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PE16-VMP6TP Datasheet(HTML) 56 Page - Numonyx B.V

Back Button M25PE16-VMP6TP Datasheet HTML 50Page - Numonyx B.V M25PE16-VMP6TP Datasheet HTML 51Page - Numonyx B.V M25PE16-VMP6TP Datasheet HTML 52Page - Numonyx B.V M25PE16-VMP6TP Datasheet HTML 53Page - Numonyx B.V M25PE16-VMP6TP Datasheet HTML 54Page - Numonyx B.V M25PE16-VMP6TP Datasheet HTML 55Page - Numonyx B.V M25PE16-VMP6TP Datasheet HTML 56Page - Numonyx B.V M25PE16-VMP6TP Datasheet HTML 57Page - Numonyx B.V M25PE16-VMP6TP Datasheet HTML 58Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 56 / 58 page
background image
Ordering information
M25PE16
56/58
13
Ordering information
For a list of available options (speed, package, etc.) or for further information on any aspect
of this device, please contact your nearest Numonyx Sales Office.
Table 24.
Ordering information scheme
Example:
M25PE16
–
V
MP 6
T
P
Device type
M25PE = page-erasable serial Flash memory
Device function
16 = 16 Mbit (2 Mbit x 8)
Operating voltage
V = VCC = 2.7 V to 3.6 V
Package
MW = SO8 (208 mils width)
MP = VFQFPN8 6 x 5 mm (MLP8)
Device grade
6 = industrial: device tested with standard test flow over –40 to 85 °C
Option
blank = standard packing
T = tape and reel packing
Plating technology
P or G = ECOPACK® (RoHs compliant)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com