Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25PE20-VMP6TP Datasheet(PDF) 60 Page - Numonyx B.V

Part # M25PE20-VMP6TP
Description  1 and 2 Mbit, page-erasable serial Flash memories with byte alterability, 75 MHz SPI bus, standard pinout
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PE20-VMP6TP Datasheet(HTML) 60 Page - Numonyx B.V

Back Button M25PE20-VMP6TP Datasheet HTML 56Page - Numonyx B.V M25PE20-VMP6TP Datasheet HTML 57Page - Numonyx B.V M25PE20-VMP6TP Datasheet HTML 58Page - Numonyx B.V M25PE20-VMP6TP Datasheet HTML 59Page - Numonyx B.V M25PE20-VMP6TP Datasheet HTML 60Page - Numonyx B.V M25PE20-VMP6TP Datasheet HTML 61Page - Numonyx B.V M25PE20-VMP6TP Datasheet HTML 62Page - Numonyx B.V M25PE20-VMP6TP Datasheet HTML 63Page - Numonyx B.V M25PE20-VMP6TP Datasheet HTML 64Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 60 / 64 page
background image
Package mechanical
M25PE20, M25PE10
60/64
Figure 32.
VFQFPN8 (MLP8), 8-lead very thin fine pitch quad flat package no lead,
6 × 5 mm, package outline
1.
Drawing is not to scale.
Table 28.
VFQFPN8 (MLP8), 8-lead very thin fine pitch quad flat package no lead,
6 × 5 mm, package mechanical data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
0.85
0.80
1.00
0.033
0.031
0.039
A1
0.00
0.05
0.000
0.002
A2
0.65
0.026
A3
0.20
0.008
b
0.40
0.35
0.48
0.016
0.014
0.019
D6.00
0.236
D1
5.75
0.226
D2
3.40
3.20
3.60
0.134
0.126
0.142
E
5.00
0.197
E1
4.75
0.187
E2
4.00
3.80
4.30
0.157
0.150
0.169
e1.27–
–
0.050
–
–
R1
0.10
0.00
0.004
0.000
L
0.60
0.50
0.75
0.024
0.020
0.029
Θ
12°
12°
aaa
0.15
0.006
bbb
0.10
0.004
ddd
0.05
0.002
D
E
70-ME
A2
A
A3
A1
E1
D1
e
E2
D2
L
b
θ
R1
ddd
C
aaa
CA
A
B
0.10 CA
0.10 CB
2x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com