Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HB30C4AB Datasheet(PDF) 4 Page - StarTech.com Ltd.

Part # HB30C4AB
Description  4-Port USB-C Hub - USB-C to 4x USB-A - USB 3.0 Hub - Bus Powered
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

HB30C4AB Datasheet(HTML) 4 Page - StarTech.com Ltd.

  HB30C4AB Datasheet HTML 1Page - StarTech.com Ltd. HB30C4AB Datasheet HTML 2Page - StarTech.com Ltd. HB30C4AB Datasheet HTML 3Page - StarTech.com Ltd. HB30C4AB Datasheet HTML 4Page - StarTech.com Ltd. HB30C4AB Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Warranty
2 Years
Hardware
Bus Type
USB 3.0
Chipset ID
VIA/VLI - VL812
Fast-Charge Port(s)
No
Industry Standards
USB 3.0 - Backward compatible with USB 2.0 and 1.1
Interface
USB 3.0
Ports
4
USB-C Device Port(s)
No
USB-C Host Connection
Yes
Performance
Maximum Data Transfer Rate
5 Gbps
Type and Rate
USB 3.0 - 5 Gbit/s
Connector(s)
Connector Type(s)
4 - USB Type-A (9 pin) USB 3.0 Female
1 - USB Type-C (24 pin) USB 3.0 Male
Software
OS Compatibility
OS Independent; No additional drivers or software required
Special Notes /
Requirements
Note
USB 3.0 is also known as USB 3.1 Gen 1; this connectivity
standard offers speeds up to 5Gbps.
System and Cable Requirements
Available USB Type-C port - USB 3.0 (5Gbps)
Power
Power Source
USB-Powered
Environmental
Humidity
10~85% RH (Non-condensing)
Operating Temperature
0°C to 45°C (32°F to 113°F)
Storage Temperature
-10°C to 70°C (14°F to 158°F)
Physical
Characteristics
Cable Length
146 mm [5.7 in]
Color
Black
Enclosure Type
Plastic
Form Factor
Compact
Product Height
15 mm [0.6 in]
Product Length
80 mm [3.1 in]
Product Weight
35 g [1.2 oz]
Product Width
41 mm [1.6 in]
Packaging
Information
Shipping (Package) Weight
103 g [3.6 oz]
What's in the Box
Included in Package
1 - 4-port USB 3.0 hub
www.startech.com/uk
0800 169 0408



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com