Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25PE10-VMP6TP Datasheet(PDF) 56 Page - Numonyx B.V

Part # M25PE10-VMP6TP
Description  1 and 2 Mbit, page-erasable serial Flash memories with byte alterability, 75 MHz SPI bus, standard pinout
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PE10-VMP6TP Datasheet(HTML) 56 Page - Numonyx B.V

Back Button M25PE10-VMP6TP Datasheet HTML 52Page - Numonyx B.V M25PE10-VMP6TP Datasheet HTML 53Page - Numonyx B.V M25PE10-VMP6TP Datasheet HTML 54Page - Numonyx B.V M25PE10-VMP6TP Datasheet HTML 55Page - Numonyx B.V M25PE10-VMP6TP Datasheet HTML 56Page - Numonyx B.V M25PE10-VMP6TP Datasheet HTML 57Page - Numonyx B.V M25PE10-VMP6TP Datasheet HTML 58Page - Numonyx B.V M25PE10-VMP6TP Datasheet HTML 59Page - Numonyx B.V M25PE10-VMP6TP Datasheet HTML 60Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 64 page
background image
DC and AC parameters
M25PE20, M25PE10
56/64
Figure 29.
Output timing
C
Q
AI01449e
S
LSB OUT
D ADDR.LSB IN
tSHQZ
tCH
tCL
tQLQH
tQHQL
tCLQX
tCLQV
tCLQX
tCLQV
Table 25.
Reset conditions
Test conditions specified in
Table 16 and Table 17
Symbol
Alt.
Parameter
Conditions
Min.
Typ.
Max.
Unit
tRLRH
(1)
tRST Reset Pulse width
10
µs
tSHRH
Chip Select High to Reset
High
Chip should have been deselected
before Reset is de-asserted
10
ns
1.
Value guaranteed by characterization, not 100% tested in production.
Table 26.
Timings after a Reset Low pulse(1)(2)
Test conditions specified in
Table 16 and Table 17
Symbol
Alt.
Parameter
Conditions:
Reset pulse occurred
Max.
Unit
tRHSL
tREC
Reset recovery
time
While decoding an instruction(3): WREN, WRDI, RDID,
RDSR, READ, RDLR, Fast_Read, WRLR, PW, PP, PE,
SE, BE, SSE, DP, RDP
30
µs
Under completion of an Erase or Program cycle of a
PW, PP, PE, SE, BE operation
300
µs
Under completion of an Erase cycle of an SSE
operation
3ms
Under completion of a WRSR operation
tW (see
Table 23 or
Table 24)
ms
Device deselected (S High) and in Standby mode
0
µs
1.
All the values are guaranteed by characterization, and not 100% tested in production.
2.
See Table 14 for a description of the device status after a Reset Low pulse.
3.
S remains Low while Reset is Low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com