Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25P10-AVMB3G/X Datasheet(PDF) 21 Page - Numonyx B.V

Part # M25P10-AVMB3G/X
Description  1 Mbit, serial Flash memory, 50 MHz SPI bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P10-AVMB3G/X Datasheet(HTML) 21 Page - Numonyx B.V

Back Button M25P10-AVMB3G/X Datasheet HTML 17Page - Numonyx B.V M25P10-AVMB3G/X Datasheet HTML 18Page - Numonyx B.V M25P10-AVMB3G/X Datasheet HTML 19Page - Numonyx B.V M25P10-AVMB3G/X Datasheet HTML 20Page - Numonyx B.V M25P10-AVMB3G/X Datasheet HTML 21Page - Numonyx B.V M25P10-AVMB3G/X Datasheet HTML 22Page - Numonyx B.V M25P10-AVMB3G/X Datasheet HTML 23Page - Numonyx B.V M25P10-AVMB3G/X Datasheet HTML 24Page - Numonyx B.V M25P10-AVMB3G/X Datasheet HTML 25Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
M25P10-A
Instructions
21/51
non-volatile bits of the Status Register (SRWD, BP1, BP0) become read-only bits and the
Write Status Register (WRSR) instruction is no longer accepted for execution.
Figure 10.
Read Status Register (RDSR) instruction sequence and data-out
sequence
C
D
S
2
1
3456789 10 11 12 13 14 15
Instruction
0
AI02031E
Q
7
6543210
Status Register Out
High Impedance
MSB
7
6543210
Status Register Out
MSB
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com