Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25PE80-VMP6TG Datasheet(PDF) 21 Page - Numonyx B.V

Part # M25PE80-VMP6TG
Description  8-Mbit, page-erasable serial flash memory with byte alterability, 75 MHz SPI bus, standard pinout
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PE80-VMP6TG Datasheet(HTML) 21 Page - Numonyx B.V

Back Button M25PE80-VMP6TG Datasheet HTML 17Page - Numonyx B.V M25PE80-VMP6TG Datasheet HTML 18Page - Numonyx B.V M25PE80-VMP6TG Datasheet HTML 19Page - Numonyx B.V M25PE80-VMP6TG Datasheet HTML 20Page - Numonyx B.V M25PE80-VMP6TG Datasheet HTML 21Page - Numonyx B.V M25PE80-VMP6TG Datasheet HTML 22Page - Numonyx B.V M25PE80-VMP6TG Datasheet HTML 23Page - Numonyx B.V M25PE80-VMP6TG Datasheet HTML 24Page - Numonyx B.V M25PE80-VMP6TG Datasheet HTML 25Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
M25PE80
Instructions
21/66
6.1
Write enable (WREN)
The write enable (WREN) instruction (Figure 7) sets the write enable latch (WEL) bit.
The write enable latch (WEL) bit must be set prior to every page write (PW), page program
(PP), page erase (PE), sector erase (SE), bulk erase (BE) and write to lock register (WRLR)
instructions.
The write enable (WREN) instruction is entered by driving Chip Select (S) Low, sending the
instruction code, and then driving Chip Select (S) High.
Table 6.
Instruction set
Instruction
Description
One-byte instruction
code
Address
bytes
Dummy
bytes
Data
bytes
WREN
Write enable
0000 0110
06h
0
0
0
WRDI
Write disable
0000 0100
04h
0
0
0
RDID
Read identification
1001 1111
9Fh
0
0
1 to 3
RDSR
Read status register
0000 0101
05h
0
0
1 to
∞
WRLR
Write to lock register
1110 0101
E5h
3
0
1
WRSR(1)
1.
Instruction available only in the T9HX process (see Important note on page 6).
Write status register
0000 0001
01h
0
0
1
RDLR
Read lock register
1110 1000
E8h
3
0
1
READ
Read data bytes
0000 0011
03h
3
0
1 to
∞
FAST_READ
Read data bytes at higher
speed
0000 1011
0Bh
3
1
1 to
∞
PW
Page write
0000 1010
0Ah
3
0
1 to 256
PP
Page program
0000 0010
02h
3
0
1 to 256
PE
Page erase
1101 1011
DBh
3
0
0
SSE(1)
Subsector erase
0010 0000
20h
3
0
0
SE
Sector erase
1101 1000
D8h
3
0
0
BE
Bulk erase
1100 0111
C7h
0
0
0
DP
Deep power-down
1011 1001
B9h
0
0
0
RDP
Release from deep
power-down
1010 1011
ABh
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com