Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25P10-AVMB6/X Datasheet(PDF) 34 Page - Numonyx B.V

Part # M25P10-AVMB6/X
Description  1 Mbit, serial Flash memory, 50 MHz SPI bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P10-AVMB6/X Datasheet(HTML) 34 Page - Numonyx B.V

Back Button M25P10-AVMB6/X Datasheet HTML 30Page - Numonyx B.V M25P10-AVMB6/X Datasheet HTML 31Page - Numonyx B.V M25P10-AVMB6/X Datasheet HTML 32Page - Numonyx B.V M25P10-AVMB6/X Datasheet HTML 33Page - Numonyx B.V M25P10-AVMB6/X Datasheet HTML 34Page - Numonyx B.V M25P10-AVMB6/X Datasheet HTML 35Page - Numonyx B.V M25P10-AVMB6/X Datasheet HTML 36Page - Numonyx B.V M25P10-AVMB6/X Datasheet HTML 37Page - Numonyx B.V M25P10-AVMB6/X Datasheet HTML 38Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
Power-up and power-down
M25P10-A
34/51
Figure 20.
Power-up timing
Table 8.
Power-up timing and VWI threshold
Symbol
Parameter
Min
Max
Unit
tVSL
(1)
1.
These parameters are characterized only.
VCC(min) to S low
10
µs
tPUW
(1)
Time delay to write instruction
1
10
ms
VWI
(1)
Write Inhibit voltage (device grade 6)
1
2
V
VWI
(1)
Write Inhibit voltage (device grade 3)
1
2.2
V
VCC
AI04009C
VCC(min)
VWI
Reset state
of the
device
Chip selection not allowed
Program, Erase and Write commands are rejected by the device
tVSL
tPUW
time
Read access allowed
Device fully
accessible
VCC(max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com