Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LX1996 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX1996
Description  Multi-string LED Back-light Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1996 Datasheet(HTML) 2 Page - Microsemi Corporation

  LX1996 Datasheet HTML 1Page - Microsemi Corporation LX1996 Datasheet HTML 2Page - Microsemi Corporation LX1996 Datasheet HTML 3Page - Microsemi Corporation LX1996 Datasheet HTML 4Page - Microsemi Corporation LX1996 Datasheet HTML 5Page - Microsemi Corporation LX1996 Datasheet HTML 6Page - Microsemi Corporation LX1996 Datasheet HTML 7Page - Microsemi Corporation LX1996 Datasheet HTML 8Page - Microsemi Corporation LX1996 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LX1996
PRODUCTION DATASHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
© 2007
Rev. 1.0, 2007-12-14
Multi-string LED Back-light Controller
TM
®
ABSOLUTE MAXIMUM RATINGS
PACKAGE PIN OUT
Supply Input Voltage (VIN), EN ........................................................................-0.3V to 30V
CS# pins ..............................................................................................................-0.3V to 28V
DSEL1, DSEL2, DI and PWM pins ..................................................................-0.3V to 6.0V
OT, DRV, SRC, OVP, PRG, CLF, CT, RT Pins .................................. -0.3V to VLDO + 0.3V
CS# Current ................................................................................................................... 35mA
Operating Temperature Range ............................................................................... -40 to 85
°C
Maximum Operating Junction Temperature ...................................................................150
°C
Storage Temperature Range............................................................................. -65
°C to 150°C
Package Peak Temp. for Solder Reflow (40 seconds maximum exposure) ....... 260°C (+0 -5)
Notes: Exceeding these ratings could cause damage to the device. All voltages are with respect to Ground.
Currents are positive into, negative out of specified terminal.
Solder reflow to follow: IPC/JEDEC J-STD-020B 7/02 Pb-Sn Small Body Profile
DSEL2
DSEL1
MSC
LX1996
XXXX
CS1
CS2
CS4
CS5
CS6
1
2
3
4
7
8
9
10
15
16
17
18
21
22
23
24
Connect Bottom
Pad to GND
14
11
20
5
VLDO
CS3
EN
6
12
13
19
DI
OT
LQ PACKAGE
(Top View)
RoHS / Pb-free 100% Matte Tin pin Finish
XXXX = Date code / Lot code identifier
FUNCTIONAL PIN DESCRIPTION
Name
Pin #
Description
EN
1
Enable Input - Logic input. Pull low to put the system into sleep mode; If not used must be tied to VIN.
VLDO
2
Internal 5V Regulator Output – Power Pin. Provides a regulated 5V for internal 5V circuits. It can also power
an external light sensor and/or SM Buss chip (limited to 1mA). Must be decoupled closely to the GND with a
ceramic capacitor typical value of 4.7μF.
DSEL1
3
Dimming Mode Select Input 1. Three level input. Refer to Table 1 in the applications section for functionality
DSEL2
4
Dimming Mode Select Input 2. – Two Level Logic Input. Refer to Table 1 in the applications section for
functionality
DI
5
Dimming Input – Signal Pin. Connect a DC dimming voltage or the light sensor output to this pin.
OT
6
LED Ambient Over Temperature Protection – Signal Pin – Connect to an external NTC thermistor to monitor
the LED light bar temperature. If NTC is not used, then tie this pin to the IC’s VLDO pin. The NTC needs to
be 100kΩ at 25°C and B constant of 4000. Please see the applications section for more details regarding the
OT option.
PWM
7
Pulse Width Modulated Dimming Signal – Signal Input. PWM input used for multi-dimming mode. With
DSEL1 pin tied low, a PWM signal input in the range of 100Hz to 25kHz provides direct digital dimming for the
LED outputs. With DSEL1 pin open and DSEL2 pin tied high, this pin is used as a sync input for
synchronizing the LX1996’s internal PWM dimming clock with an external clock signal of 400ns or greater
width.
RT
8
Current source setting resistor. Must be 100K
Ω between this pin and ground when Analog to Digital Dimming
or Ultrasonic Pulse Skipping modes are used. If neither mode is used, this pin may be left open or tied to
VLDO.
CT
9
Internal Digital Dimming frequency setting capacitor. A capacitor between this pin and ground sets the
internal Digital Dimming frequency. The relationship between the CT pin capacitor and internal frequency is;
F(Hz) = 5e-6/CT(Farads)
This pin should be left open or grounded when the internal oscillator is not used.
CLF
10
PLL Loop filter connection pin. A loop filter capacitor should be connected between this pin and ground when
the internal dimming is used with synchronization mode engaged. Typical capacitor values are; 0.1uF for
200Hz; 1nF for 20Khz. This pin should be left open or grounded when the synchronization option is not used.
PRG
11
LED current programming. Connect a resistor between this pin and ground to set the LED current. Refer to
applications section for functionality
GND
12
Signal ground. Should be tied at a single common point to Power Ground (PGND pin 20).
CS1-6
13
to18
Current Sink pins – controls individual LED string current. CS pins can be wired in parallel for higher currents.
The lowest CS voltage is kept at approx. 0.8V at 20mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com