Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25PX64 Datasheet(PDF) 21 Page - Numonyx B.V

Part # M25PX64
Description  64-Mbit, dual I/O, 4-Kbyte subsector erase, serial flash memory with 75 MHz SPI bus interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PX64 Datasheet(HTML) 21 Page - Numonyx B.V

Back Button M25PX64 Datasheet HTML 17Page - Numonyx B.V M25PX64 Datasheet HTML 18Page - Numonyx B.V M25PX64 Datasheet HTML 19Page - Numonyx B.V M25PX64 Datasheet HTML 20Page - Numonyx B.V M25PX64 Datasheet HTML 21Page - Numonyx B.V M25PX64 Datasheet HTML 22Page - Numonyx B.V M25PX64 Datasheet HTML 23Page - Numonyx B.V M25PX64 Datasheet HTML 24Page - Numonyx B.V M25PX64 Datasheet HTML 25Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
M25PX64
Memory organization
21/66
105
1695
69F000h
69FFFFh
94
1519
5EF000h
5EFFFFh
1680
690000h
690FFFh
1504
5E0000h
5E0FFFh
104
1679
68F000h
68FFFFh
93
1503
5DF000h
5DFFFFh
1664
680000h
680FFFh
464
5D0000h
5D0FFFh
103
1663
67F000h
67FFFFh
92
1487
5CF000h
5CFFFFh
1648
670000h
670FFFh
1472
5C0000h
5C0FFFh
102
1647
66F000h
66FFFFh
91
1471
5BF000h
5BFFFFh
1632
660000h
660FFFh
1456
5B0000h
5B0FFFh
101
1631
65F000h
65FFFFh
90
1455
5AF000h
5AFFFFh
1616
650000h
650FFFh
1440
5A0000h
5A0FFFh
100
1615
64F000h
64FFFFh
89
1439
59F000h
59FFFFh
1600
640000h
640FFFh
1424
590000h
590FFFh
99
1599
63F000h
63FFFFh
88
1423
58F000h
58FFFFh
1584
630000h
630FFFh
1408
580000h
580FFFh
98
1583
62F000h
62FFFFh
87
1407
57F000h
57FFFFh
1568
620000h
620FFFh
1392
570000h
570FFFh
97
1567
61F000h
61FFFFh
86
1391
56F000h
56FFFFh
1552
610000h
610FFFh
1376
560000h
560FFFh
96
1551
60F000h
60FFFFh
85
1375
55F000h
55FFFFh
1536
600000h
600FFFh
1360
550000h
550FFFh
95
1535
5FF000h
5FFFFFh
84
1359
54F000h
54FFFFh
1520
5F0000h
5F0FFFh
1344
540000h
540FFFh
Table 4.
Memory organization (continued)
Sector
Subsector
Address range
Sector
Subsector
Address range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com