Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PA2100/2 Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # PA2100/2
Description  Panel Actuators and Indicators Type PA2 Contact Block
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

PA2100/2 Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  PA2100/2 Datasheet HTML 1Page - Carlo Gavazzi Holding AG PA2100/2 Datasheet HTML 2Page - Carlo Gavazzi Holding AG PA2100/2 Datasheet HTML 3Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
To install it, the only tool needed is a screwdriver. The same used to wiring the contact block can be used to fix the push-button.
The operator will be inserted into the panel.
The holder will be secured at the back by two screws or nut.
The contact block is snapped on.
3
Specifications are subject to change without notice. Pictures are just an example. For special features and/or custumization, please ask to our sales network. 122011
Holder type “M”
Code
PB MB M
Material
Zn + PBT
Holders
Holder type “P”
Code
PB MB P
Material
PBT
Holder type “N”
Code
PB MB N
Material
PC
30/1.18”
20/0.79”
27/1.06”
20/0.79”
29/1.14”
23/0.91”
It come easy to get a complete product. Just to choose the operator, the holder, the lamp element and the contact block
(up to 3).
Assembling and Mounting
Operator
Holder
Contact block
Bezel Push Button
with PA2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com