Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B82476 Datasheet(PDF) 2 Page - EPCOS

Part # B82476
Description  SMT-Power-Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82476 Datasheet(HTML) 2 Page - EPCOS

  B82476 Datasheet HTML 1Page - EPCOS B82476 Datasheet HTML 2Page - EPCOS B82476 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Mit den Angaben im Datenblatt werden die Bauelemente
spezifiziert, nicht Eigenschaften zugesichert.
Liefermöglichkeiten und technische Änderungen vorbehalten.
2
General technical data
Rated inductance LR
Measured with HP 4284A ,
measuring voltage 100 mV
Rated current IR
Maximum permissible DC with temperature increase
of
40 K at ambient temperature of 85
°C
Saturation current Isat
Maximum permissible DC with inductance decrease
∆L/L0 ≈ 10%
Climatic category
In accordance with IEC 60068–1 55/125/56
(–55
°C/ +125 °C/ 56 days damp heat test)
Solderability
5s, 235
°C, wetting > 90%
DC resistance Rmax
Measured at 20
°C ambient temperature
Weight
Approx. 2g
Dimensional drawing and layout recommendation
SMT–Power–Inductors
B82476
DATA SHEET
Hugo ist doof BNR
B82476–6–5976
21.07.2003



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com