Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25P10-AVMP6T/Y Datasheet(PDF) 42 Page - Numonyx B.V

Part # M25P10-AVMP6T/Y
Description  1 Mbit, serial Flash memory, 50 MHz SPI bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P10-AVMP6T/Y Datasheet(HTML) 42 Page - Numonyx B.V

Back Button M25P10-AVMP6T/Y Datasheet HTML 38Page - Numonyx B.V M25P10-AVMP6T/Y Datasheet HTML 39Page - Numonyx B.V M25P10-AVMP6T/Y Datasheet HTML 40Page - Numonyx B.V M25P10-AVMP6T/Y Datasheet HTML 41Page - Numonyx B.V M25P10-AVMP6T/Y Datasheet HTML 42Page - Numonyx B.V M25P10-AVMP6T/Y Datasheet HTML 43Page - Numonyx B.V M25P10-AVMP6T/Y Datasheet HTML 44Page - Numonyx B.V M25P10-AVMP6T/Y Datasheet HTML 45Page - Numonyx B.V M25P10-AVMP6T/Y Datasheet HTML 46Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 51 page
background image
DC and AC parameters
M25P10-A
42/51
Table 20.
AC characteristics (50 MHz operation, device grade 6)
50 MHz available only in products with process technology code Y(1)(2)
Test conditions specified in Table 10 and Table 12
1.
Details of how to find the process on the device marking are given in application note AN1995.
2.
50 MHz operation is also available in products with process technology code X, but with a reduced supply
voltage range (2.7 to 3.6 V).
Symbol
Alt.
Parameter
Min
Typ
Max
Unit
fC
fC
Clock frequency(1) for the following instructions:
FAST_READ, PP, SE, BE, DP, RES, WREN, WRDI,
RDID, RDSR, WRSR
D.C.
50
MHz
fR
Clock frequency for READ instructions
D.C.
25
MHz
tCH
(3)
3.
tCH + tCL must be greater than or equal to 1/ fC.
tCLH Clock High time
9
ns
tCL
(3)
tCLL
Clock Low time
9
ns
tCLCH
(4)
4.
Value guaranteed by characterization, not 100% tested in production.
Clock Rise time(5) (peak to peak)
5.
Expressed as a slew-rate.
0.1
V/ns
tCHCL
(4)
Clock Fall time(5) (peak to peak)
0.1
V/ns
tSLCH
tCSS S Active Setup time (relative to C)
5
ns
tCHSL
S Not Active Hold time (relative to C)
5
ns
tDVCH
tDSU Data In Setup time
2
ns
tCHDX
tDH
Data In Hold time
5
ns
tCHSH
S Active Hold time (relative to C)
5
ns
tSHCH
S Not Active Setup time (relative to C)
5
ns
tSHSL
tCSH S Deselect time
100
ns
tSHQZ
(4)
tDIS
Output Disable time
8
ns
tCLQV
tV
Clock Low to Output Valid
8
ns
tCLQX
tHO
Output Hold time
0
ns
tHLCH
HOLD Setup time (relative to C)
5
ns
tCHHH
HOLD Hold time (relative to C)
5
ns
tHHCH
HOLD Setup time (relative to C)
5
ns
tCHHL
HOLD Hold time (relative to C)
5
ns
tHHQX
(4)
tLZ
HOLD to Output Low-Z
8
ns
tHLQZ
(4)
tHZ
HOLD to Output High-Z
8
ns
tWHSL
(6)
6.
Only applicable as a constraint for a WRSR instruction when SRWD is set at ‘1’.
Write Protect Setup time
20
ns
tSHWL
(6)
Write Protect Hold time
100
ns
tDP
(4)
S High to Deep Power-down mode
3
μs
tRES1
(4)
S High to Standby mode without Read Electronic
Signature
30
μs
tRES2
(4)
S High to Standby mode with Read Electronic
Signature
30
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com