Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LIS3LV02DLTR Datasheet(PDF) 21 Page - STMicroelectronics

Part # LIS3LV02DLTR
Description  MEMS inertial sensor 3-axis - ±2g/±6g digital output low voltage linear accelerometer
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3LV02DLTR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button LIS3LV02DLTR Datasheet HTML 17Page - STMicroelectronics LIS3LV02DLTR Datasheet HTML 18Page - STMicroelectronics LIS3LV02DLTR Datasheet HTML 19Page - STMicroelectronics LIS3LV02DLTR Datasheet HTML 20Page - STMicroelectronics LIS3LV02DLTR Datasheet HTML 21Page - STMicroelectronics LIS3LV02DLTR Datasheet HTML 22Page - STMicroelectronics LIS3LV02DLTR Datasheet HTML 23Page - STMicroelectronics LIS3LV02DLTR Datasheet HTML 24Page - STMicroelectronics LIS3LV02DLTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
LIS3LV02DL
Application hints
21/48
4
Application hints
Figure 5.
LIS3LV02DL electrical connection
The device core is supplied through Vdd line while the I/O pads are supplied through
Vdd_IO line. Power supply decoupling capacitors (100 nF ceramic, 10
µF Al) should be
placed as near as possible to the pin 13 of the device (common design practice).
All the voltage and ground supplies must be present at the same time to have proper
behavior of the IC (refer to Figure 7). It is possible to remove Vdd maintaining Vdd_IO
without blocking the communication busses. In this condition the measurement chain is
powered off.
The functionality of the device and the measured acceleration data is selectable and
accessible through the I2C/SPI interface.When using the I2C, CS must be tied high while
SDO must be left floating. Refer to dedicated application note for further information on
device usage.
The functions, the trasholds and the timing of the interrupt pin (INT) can be completely
programmed by the user through the I2C/SPI interface.
4.1
Soldering Information
The LGA-16 package is compliant with the ECOPACK®, RoHS and “Green” standard.
It is qualified for soldering heat resistance according to JEDEC J-STD-020C.
Leave “Pin 1 Indicator” unconnected during soldering.
Land pattern and soldering recommendations are available at www.st.com/mems.
DIRECTION OF THE
DETECTABLE
ACCELERATIONS
Vdd_IO
10uF
Vdd
Digital signal from/to signal controller.Signal’s levels are defined by proper selection of Vdd_IO
100nF
GND
LIS3LV02DL
(TOP VIEW)
1
6
7
8
9
14
15
16
Y
1
X
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com