Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPQ9840GL-Z Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MPQ9840GL-Z
Description  36V, 3.5A, Low IQ, Synchronous Step-Down Converter AEC-Q100 Qualified
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ9840GL-Z Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MPQ9840GL-Z Datasheet HTML 2Page - Monolithic Power Systems MPQ9840GL-Z Datasheet HTML 3Page - Monolithic Power Systems MPQ9840GL-Z Datasheet HTML 4Page - Monolithic Power Systems MPQ9840GL-Z Datasheet HTML 5Page - Monolithic Power Systems MPQ9840GL-Z Datasheet HTML 6Page - Monolithic Power Systems MPQ9840GL-Z Datasheet HTML 7Page - Monolithic Power Systems MPQ9840GL-Z Datasheet HTML 8Page - Monolithic Power Systems MPQ9840GL-Z Datasheet HTML 9Page - Monolithic Power Systems MPQ9840GL-Z Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
MPQ9840 – 36V, 3.5A, LOW IQ, SYNC STEP-DOWN CONVERTER, AEC-Q100
MPQ9840 Rev. 1.02
www.MonolithicPower.com
6
7/1/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, VEN = 2V, TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TJ =
+25°C.
Parameter
Symbol
Condition
Min
Typ
Max
Units
PG rising threshold (VFB/VREF)
PGRISING
VFB rising
85
90
95
%
VFB falling
105
110
115
PG falling threshold (VFB/VREF)
PGFALLING
VFB falling
79
84
89
%
VFB rising
113.5 118.5 123.5
%
PG deglitch timer
TPG_DEGLITCH
PG from low to high
30
µs
PG from high to low
50
µs
PG output voltage low
VPG_LOW
ISINK = 2mA
0.2
0.4
V
NOTE:
6)
Not tested in production, guaranteed by design and characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com