Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SD2932 Datasheet(PDF) 8 Page - STMicroelectronics

Part # SD2932
Description  RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2932 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SD2932 Datasheet HTML 4Page - STMicroelectronics SD2932 Datasheet HTML 5Page - STMicroelectronics SD2932 Datasheet HTML 6Page - STMicroelectronics SD2932 Datasheet HTML 7Page - STMicroelectronics SD2932 Datasheet HTML 8Page - STMicroelectronics SD2932 Datasheet HTML 9Page - STMicroelectronics SD2932 Datasheet HTML 10Page - STMicroelectronics SD2932 Datasheet HTML 11Page - STMicroelectronics SD2932 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SD2932
8/12
175 - 230 MHz Test Circuit Layout (Engineering Fixture)
175 - 230 MHz Circuit Layout Component Part List
PCB
1/32” Woven Fiberglass 0.030 Cu, sides,
εr = 4.8
T1
50 Ohm Flexible Coax Cable OD 0.06”, 3” Long. Ferrite Core NEOSIDE
T2,T3
9:1Transformer, 16.5 Ohm Flexible Coax Cable 0.1”, 3” Long
T4,T5
4:1 Transformer, 25 Ohm Flexible Coax Cable OD 0.06”, 5” Long
C1
8.2 pF Ceramic Cap
C2,C3
100 pF Ceramic Cap
C4
2 - 18 pF Chip Cap
C5
47 pF Ceramic Cap
C6,C11
47 nF Ceramic CAp
C7
56 pF ATC Chip Cap
C8,C9,C13
470 pF ATC Chip Cap
C10
100 nF Ceramic Cap
C12
2 x 330 nF / 50 V Cap
C14
10 nF / 63 V Electrolityc Cap
R1,R3
47 Ohm Resistor
R2
6.8 K Ohm Chip Resistor
R4
4.7 K Ohm Multi Turns Trim Resistor
R5
8.2 K Ohm / 5 W Resistor
R6
3.3 K Ohm / 5 W Resistor
D1
6.8 V Zener Diode
L1
20 nH Inductor
L2
70 nH Inductor
L3
30 nH Inductor
L4
10 nH Inductor
L5
15 nH Inductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com