Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M45PE40-VMP6P Datasheet(PDF) 33 Page - Numonyx B.V

Part # M45PE40-VMP6P
Description  4 Mbit, low voltage, Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M45PE40-VMP6P Datasheet(HTML) 33 Page - Numonyx B.V

Back Button M45PE40-VMP6P Datasheet HTML 29Page - Numonyx B.V M45PE40-VMP6P Datasheet HTML 30Page - Numonyx B.V M45PE40-VMP6P Datasheet HTML 31Page - Numonyx B.V M45PE40-VMP6P Datasheet HTML 32Page - Numonyx B.V M45PE40-VMP6P Datasheet HTML 33Page - Numonyx B.V M45PE40-VMP6P Datasheet HTML 34Page - Numonyx B.V M45PE40-VMP6P Datasheet HTML 35Page - Numonyx B.V M45PE40-VMP6P Datasheet HTML 36Page - Numonyx B.V M45PE40-VMP6P Datasheet HTML 37Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
M45PE40
Initial delivery state
33/46
8
Initial delivery state
The device is delivered with the memory array erased: all bits are set to 1 (each byte
contains FFh). All usable Status Register bits are 0.
9
Maximum rating
Stressing the device outside the ratings listed in Table 7 may cause permanent damage to
the device. These are stress ratings only, and operation of the device at these, or any other
conditions outside those indicated in the Operating sections of this specification, is not
implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect
device reliability. Refer also to the Numonyx SURE Program and other relevant quality
documents.
Table 7.
Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
TSTG
Storage Temperature
–65
150
°C
TLEAD
Lead Temperature during Soldering
See note (1)
1.
Compliant with JEDEC Std J-STD-020C (for small body, Sn-Pb or Pb assembly), the Numonyx
ECOPACK® 7191395 specification, and the European directive on Restrictions on Hazardous Substances
(RoHS) 2002/95/EU
°C
VIO
Input and Output Voltage (with respect to
Ground)
–0.6
VCC + 0.6
V
VCC
Supply Voltage
–0.6
4.0
V
VESD
Electrostatic Discharge Voltage (Human Body model)
(2)
2.
JEDEC Std JESD22-A114A (C1=100 pF, R1=1500
Ω, R2=500 Ω)
–2000
2000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com