Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M45PE40-VMP6G Datasheet(PDF) 21 Page - Numonyx B.V

Part # M45PE40-VMP6G
Description  4 Mbit, low voltage, Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M45PE40-VMP6G Datasheet(HTML) 21 Page - Numonyx B.V

Back Button M45PE40-VMP6G Datasheet HTML 17Page - Numonyx B.V M45PE40-VMP6G Datasheet HTML 18Page - Numonyx B.V M45PE40-VMP6G Datasheet HTML 19Page - Numonyx B.V M45PE40-VMP6G Datasheet HTML 20Page - Numonyx B.V M45PE40-VMP6G Datasheet HTML 21Page - Numonyx B.V M45PE40-VMP6G Datasheet HTML 22Page - Numonyx B.V M45PE40-VMP6G Datasheet HTML 23Page - Numonyx B.V M45PE40-VMP6G Datasheet HTML 24Page - Numonyx B.V M45PE40-VMP6G Datasheet HTML 25Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
M45PE40
Instructions
21/46
6.5
Read Data Bytes (READ)
The device is first selected by driving Chip Select (S) Low. The instruction code for the Read
Data Bytes (READ) instruction is followed by a 3-byte address (A23-A0), each bit being
latched-in during the rising edge of Serial Clock (C). Then the memory contents, at that
address, is shifted out on Serial Data Output (Q), each bit being shifted out, at a maximum
frequency fR, during the falling edge of Serial Clock (C).
The instruction sequence is shown in Figure 10.
The first byte addressed can be at any location. The address is automatically incremented
to the next higher address after each byte of data is shifted out. The whole memory can,
therefore, be read with a single Read Data Bytes (READ) instruction. When the highest
address is reached, the address counter rolls over to 000000h, allowing the read sequence
to be continued indefinitely.
The Read Data Bytes (READ) instruction is terminated by driving Chip Select (S) High. Chip
Select (S) can be driven High at any time during data output. Any Read Data Bytes (READ)
instruction, while an Erase, Program or Write cycle is in progress, is rejected without having
any effects on the cycle that is in progress.
Figure 10.
Read Data Bytes (READ) instruction sequence and data-out sequence
1.
Address bits A23 to A19 are Don’t Care.
C
D
AI03748D
S
Q
23
2
1
3456789 10
28 29 30 31 32 33 34 35
22 21
3210
36 37 38
76543
1
7
0
High Impedance
Data Out 1
Instruction
24-Bit Address
0
MSB
MSB
2
39
Data Out 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com