Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58LR128KT Datasheet(PDF) 21 Page - Numonyx B.V

Part # M58LR128KT
Description  128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR128KT Datasheet(HTML) 21 Page - Numonyx B.V

Back Button M58LR128KT Datasheet HTML 17Page - Numonyx B.V M58LR128KT Datasheet HTML 18Page - Numonyx B.V M58LR128KT Datasheet HTML 19Page - Numonyx B.V M58LR128KT Datasheet HTML 20Page - Numonyx B.V M58LR128KT Datasheet HTML 21Page - Numonyx B.V M58LR128KT Datasheet HTML 22Page - Numonyx B.V M58LR128KT Datasheet HTML 23Page - Numonyx B.V M58LR128KT Datasheet HTML 24Page - Numonyx B.V M58LR128KT Datasheet HTML 25Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 110 page
background image
M58LR128KT, M58LR128KB, M58LR256KT, M58LR256KB
Command interface
21/111
4.5
Clear Status Register command
The Clear Status Register command resets (set to ‘0’) all error bits (SR1, 3, 4 and 5) in the
Status Register.
One bus write cycle is required to issue the Clear Status Register command. The Clear
Status Register command does not affect the read mode of the bank.
The error bits in the Status Register do not automatically return to ‘0’ when a new command
is issued. The error bits in the Status Register should be cleared before attempting a new
program or erase command.
4.6
Block Erase command
The Block Erase command erases a block. It sets all the bits within the selected block to ’1’.
All previous data in the block is lost.
If the block is protected then the erase operation aborts, the data in the block does not
change and the Status Register outputs the error.
Two bus write cycles are required to issue the command.
●
The first bus cycle sets up the Block Erase command.
●
The second latches the block address and starts the Program/Erase Controller.
If the second bus cycle is not the Block Erase Confirm code, Status Register bits SR4 and
SR5 are set and the command is aborted.
Once the command is issued the bank enters Read Status Register mode and any read
operation within the addressed bank outputs the contents of the Status Register. A Read
Array command is required to return the bank to read array mode.
During block erase operations the bank containing the block being erased only accepts the
Read Array, Read Status Register, Read Electronic Signature, Read CFI Query and the
Program/Erase Suspend commands; all other commands are ignored.
The block erase operation aborts if Reset, RP, goes to VIL. As data integrity cannot be
guaranteed when the block erase operation is aborted, the block must be erased again.
Refer to Section 8: Dual operations and multiple bank architecture for detailed information
about simultaneous operations allowed in banks not being erased.
Typical erase times are given in Table 18: Program/erase times and endurance cycles.
See Appendix C, Figure 22: Block erase flowchart and pseudocode for a suggested
flowchart for using the Block Erase command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com