Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58WR064HT Datasheet(PDF) 32 Page - Numonyx B.V

Part # M58WR064HT
Description  64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V supply Flash memories
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WR064HT Datasheet(HTML) 32 Page - Numonyx B.V

Back Button M58WR064HT Datasheet HTML 28Page - Numonyx B.V M58WR064HT Datasheet HTML 29Page - Numonyx B.V M58WR064HT Datasheet HTML 30Page - Numonyx B.V M58WR064HT Datasheet HTML 31Page - Numonyx B.V M58WR064HT Datasheet HTML 32Page - Numonyx B.V M58WR064HT Datasheet HTML 33Page - Numonyx B.V M58WR064HT Datasheet HTML 34Page - Numonyx B.V M58WR064HT Datasheet HTML 35Page - Numonyx B.V M58WR064HT Datasheet HTML 36Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 111 page
background image
Command interface - Factory program commands
M58WR064HT, M58WR064HB
32/111
6.11
Load Phase
The Load Phase requires 4 cycles to load the data (refer to Table 7: Factory Program
Commands and Figure 28: Quadruple Enhanced Factory Program Flowchart). Once the
first Word of each Page is written it is impossible to exit the Load phase until all four Words
have been written.
Two successive steps are required to issue and execute the Load Phase of the Quadruple
Enhanced Factory Program command.
1.
Use one Bus Write operation to latch the Start Address and the first Word of the first
Page to be programmed, where the start address is the location of the first data to be
programmed. For subsequent Pages the first Word address can remain the Start
Address (in which case the next Page is programmed) or can be any address in the
same block. If any address with data FFFFh is given that is not in the same block as the
Start Address, the device enters the Exit Phase. For the first Load Phase Status
Register bit SR7 should be read after the first Word has been issued to check that the
command has been accepted (bit SR7 set to ‘0’). This check is not required for
subsequent Load Phases.
2.
Each subsequent Word to be programmed is latched with a new Bus Write operation.
The address is only checked for the first Word of each Page as the order of the Words
to be programmed is fixed.
The memory is now set to enter the Program and Verify Phase.
6.12
Program and Verify Phase
In the Program and Verify Phase the four Words that were loaded in the Load Phase are
programmed in the memory array and then verified by the Program/Erase Controller. If any
errors are found the Program/Erase Controller reprograms the location. During this phase
the Status Register shows that the Program/Erase Controller is busy, Status Register bit
SR7 set to ‘0’, and that the device is not waiting for new data, Status Register bit SR0 set to
‘1’. When Status Register bit SR0 is set to ‘0’ the Program and Verify phase has terminated.
Once the Verify Phase has successfully completed subsequent pages in the same block can
be loaded and programmed. The device returns to the beginning of the Load Phase by
issuing one Bus Write operation to latch the Address and the first of the four new Words to
be programmed.
6.13
Exit Phase
Finally, after all the pages have been programmed, write one Bus Write operation with data
FFFFh to any address outside the block containing the Start Address, to terminate the Load
and Program and Verify Phases.
Status Register bit SR7 set to ‘1’ and bit SR0 set to ‘0’ indicate that the Quadruple
Enhanced Factory Program command has terminated. A full Status Register check should
be done to ensure that the block has been successfully programmed. See the section on the
Status Register for more details.
If the Program and Verify Phase has successfully completed the memory returns to Read
mode. If the P/E.C. fails to program and reprogram a given location, the error will be
signaled in the Status Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com