Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

6116SA45DB Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 6116SA45DB
Description  CMOS Static RAM 16K (2K x 8-Bit)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6116SA45DB Datasheet(HTML) 2 Page - Renesas Technology Corp

  6116SA45DB Datasheet HTML 1Page - Renesas Technology Corp 6116SA45DB Datasheet HTML 2Page - Renesas Technology Corp 6116SA45DB Datasheet HTML 3Page - Renesas Technology Corp 6116SA45DB Datasheet HTML 4Page - Renesas Technology Corp 6116SA45DB Datasheet HTML 5Page - Renesas Technology Corp 6116SA45DB Datasheet HTML 6Page - Renesas Technology Corp 6116SA45DB Datasheet HTML 7Page - Renesas Technology Corp 6116SA45DB Datasheet HTML 8Page - Renesas Technology Corp 6116SA45DB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
6116SA/LA
CMOS Static RAM 2K (16K x 8-Bit)
Military, Commercial, and Industrial Temperature Ranges
Jul.17.20
Pin Configurations(1)
Absolute Maximum Ratings(1)
Truth Table(1)
Pin Description
Capacitance (TA = +25°C, f = 1.0 MHZ)
DIP/SOIC
Top View
NOTE:
1. This parameter is determined by device characterization, but is not production
tested.
Symbol
Parameter(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
8
pF
CI/O
I/O Capacitance
VOUT = 0V
8
pF
3089 tbl 03
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS
may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above those
indicated in the operational sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect
reliability.
2. VTERM must not exceed VCC +0.5V.
Symbol
Rating
Com'l.
Mil.
Unit
VTERM(2)
Terminal Voltage
with Respect
to GND
-0.5 to +7.0
-0.5 to +7.0
V
TA
Operating
Temperature
0 to +70
-55 to +125
o
C
TBIAS
Temperature
Under Bias
-55 to +125
-65 to +135
o
C
TSTG
Storage Temperature
-55 to +125
-65 to +150
o
C
PT
Power Dissipation
1.0
1.0
W
IOUT
DC Output Current
50
50
mA
3089 tbl 04
Name
Description
A0 - A10
Address Inputs
I/O0 - I/O7
Data Input/Output
CS
Chip Select
WE
Write Enable
OE
Output Enable
VCC
Power
GND
Ground
3089 tbl 01
NOTE:
1. H = VIH, L = VIL, X = Don't Care.
Mode
CS
OE
WE
I/O
Standby
H
X
X
High-Z
Read
L
L
H
DATAOUT
Read
L
H
H
High-Z
Write
L
X
L
DATAIN
3089 tbl 02
3089 drw 02
5
6
7
8
9
10
11
12
GND
1
2
3
4
24
23
22
21
20
19
18
17
PTG24
CD24
SD24
PSG24
A5
A4
A 3
A2
A1
A0
I/O 0
I/O 1
VCC
A9
WE
A10
I/O5
I/O 4
OE
16
15
14
13
A 7
A6
I/O7
I/O6
CS
A8
I/O 2
I/O 3
NOTE:
1. This text does not indicate orientation of actual part-marking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com