Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI3B16245V Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3B16245V
Description  3.3V, 16-Bit, 2-Port NanoSwitch?
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B16245V Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3B16245V Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B16245V Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B16245V Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3B16245V Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3B16245V Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
PS8189E
10/01/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI3B16245
3.3V, 16-Bit, 2-Port NanoSwitch™
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at VCC = 3.3V, +25°C ambient.
3. Per TTL driven input (control inputs only); A and B pins do not contribute to ICC.
4. This current applies to the control inputs only and represent the current required to switch internal capacitance at the specified frequency.
The A and B inputs generate no significant AC or DC currents as they transition. This parameter is not tested, but is guaranteed by design.
Notes:
1. See test circuit and waveforms.
2. This parameter is guaranteed but not tested on Propagation Delays.
3. The bus switch contributes no propagational delay other than the RC delay of the On-Resistance of the switch and the load capacitance. The
time constant for the switch alone is of the order of 0.25ns for 50pF load. Since this time constant is much smaller than the rise/fall times of
typical driving signals, it adds very little propagational delay to the system. Propagational delay of the bus switch when used in a system is
determined by the driving circuit on the driving side of the switch and its interaction with the load on the driven side.
PowerSupplyCharacteristics
s
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
)
1
(
.
n
i
Me
p
y
T
)
2
(
.
x
a
Ms
t
i
n
U
I C
C
r
e
w
o
P
t
n
e
c
s
e
i
u
Q
t
n
e
r
r
u
C
y
l
p
p
u
S
V C
C
.
x
a
M
=V N
I
V
r
o
D
N
G
=
C
C
——
0
1
A
µ
∆I C
C
r
e
p
t
n
e
r
r
u
C
y
l
p
p
u
S
H
G
I
H
L
T
T
@
t
u
p
n
I
V C
C
.
x
a
M
=V N
I
V
0
.
3
=
)
3
(
——
0
5
7
I D
C
C
r
e
p
t
n
e
r
r
u
C
y
l
p
p
u
S
z
H
M
r
e
p
t
u
p
n
I
)
4
(
V C
C
,.
x
a
M
=
n
e
p
O
s
n
i
P
B
d
n
a
A
g
n
il
g
g
o
T
t
u
p
n
I
l
o
r
t
n
o
C
e
l
c
y
C
y
t
u
D
%
0
5
——
5
2
.
0/
A
m
z
H
M
Switching Characteristics over Operating Range
s
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
D
s
n
o
i
t
i
d
n
o
C
)
1
(
.
m
o
C
s
t
i
n
U
.
n
i
M.
x
a
M
t H
L
P
t
L
H
P
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
)
3
,
2
(
x
A
o
t
x
B
,
x
B
o
t
x
A
CL
F
p
0
5
=
RL
0
0
5
=
Ω
5
2
.
0
s
n
t H
Z
P
t L
Z
P
e
m
i
T
e
l
b
a
n
E
s
u
B
x
B
r
o
x
A
o
t
x
E
B
CL
;
F
p
0
5
=
RL
0
0
5
=
Ω
15
.
4
t
Z
H
P
t Z
L
P
e
m
i
T
e
l
b
a
s
i
D
s
u
B
x
B
r
o
x
A
o
t
x
E
B
CL
;
F
p
0
5
=
RL
0
0
5
=
Ω
10
.
5
ApplicationsInformation
LogicInputs
Logic control inputs can be driven up to +5.5V regardless of the supply voltage. For example, given a 5.0V supply, the control or
select pins may be driven low to 0V and high to 5.5V. Driving the control or select pins Rail-toRail® minimizes power consumption.
Power-SupplySequencingandHotPlugInformation
Proper power-supply sequencing is recommended for all CMOS devices. Always apply VCC and GND before applying signals to the
input/output or control pins.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com