Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MF1ICS7001 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MF1ICS7001
Description  Standard 4Kbyte card IC sawn wafer on UV-tape addendum
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MF1ICS7001 Datasheet(HTML) 1 Page - NXP Semiconductors

  MF1ICS7001 Datasheet HTML 1Page - NXP Semiconductors MF1ICS7001 Datasheet HTML 2Page - NXP Semiconductors MF1ICS7001 Datasheet HTML 3Page - NXP Semiconductors MF1ICS7001 Datasheet HTML 4Page - NXP Semiconductors MF1ICS7001 Datasheet HTML 5Page - NXP Semiconductors MF1ICS7001 Datasheet HTML 6Page - NXP Semiconductors MF1ICS7001 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1. General description
The MF1 IC S70 01 is a contactless smart card IC designed for card IC coils following the
MIFARE card IC coil design guide and is qualified to work properly in NXP reader
environment, which is built according to NXP specification.
This specification describes electrical, physical and dimensional properties of wafers.
2. Ordering information
3. Mechanical specification
3.1 Wafer
• Diameter:
8”
• Thickness:
150
µm ± 15 µm
• PGDW:
15601
• PCM location:
reticle area
3.2 Wafer backside
• Material:
Si
• Treatment:
ground and stress relieve
• Roughness:
Ra max. 0.5 µm
Rt max. 5 µm
3.3 Chip dimensions
• Chip size:
1.42 x 1.34 mm
• Scribe lines:
x-line: 86.4
µm
y-line: 86.4
µm
MF1 IC S70 01
Standard 4Kbyte card IC sawn wafer on UV-tape addendum
Rev. 3.1 — 18 April 2007
Product data sheet
101731
PUBLIC
Table 1.
Ordering information
Type number
Package
Name
Description
Ordering Code
MF1ICS7001W/V9D
Die on sawn wafer
9352 774 53005


Similar Part No. - MF1ICS7001

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MF1ICS70 NXP-MF1ICS70 Datasheet
334Kb / 20P
Functional specification Public transportation
Rev. 4.4-25 November 2010
MF1ICS70 NXP-MF1ICS70_10 Datasheet
334Kb / 20P
Functional specification Public transportation
Rev. 4.4-25 November 2010
More results

Similar Description - MF1ICS7001

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MF1ICS5005 PHILIPS-MF1ICS5005 Datasheet
35Kb / 7P
Standard Card IC Specification ?쐀umped sawn wafer on UV-tape?
August 2004
MF1ICS2005 NXP-MF1ICS2005 Datasheet
90Kb / 7P
Sawn bumped 120關m wafer addendum
Rev. 3.0 - 18 July 2007
logo
Roithner LaserTechnik G...
ERYF_STAR ROITHNER-ERYF_STAR Datasheet
93Kb / 4P
UV-index sensor based on SiC
logo
Cirrus Logic
CS8130 CIRRUS-CS8130_06 Datasheet
193Kb / 4P
Revision G Addendum
logo
Freescale Semiconductor...
MC9S08GB60 FREESCALE-MC9S08GB60_1 Datasheet
75Kb / 4P
Addendum
logo
Silicon Laboratories
SI1133 SILABS-SI1133 Datasheet
1,009Kb / 43P
UV Index/Ambient Light Sensor IC with IC Interface
logo
NICHIA CORPORATION
NLSU04S01B-E NICHIA-NLSU04S01B-E Datasheet
364Kb / 13P
SPECIFICATIONS FOR UV STANDARD LED
logo
Texas Instruments
TPS51623 TI1-TPS51623 Datasheet
661Kb / 6P
PACKAGE OPTION ADDENDUM
TPS51631 TI1-TPS51631 Datasheet
665Kb / 7P
PACKAGE OPTION ADDENDUM
TPS51678 TI1-TPS51678 Datasheet
612Kb / 6P
PACKAGE OPTION ADDENDUM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com