Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OSC95_HCSL Datasheet(PDF) 1 Page - SIWARD Crystal Technology Co., Ltd.

Part # OSC95_HCSL
Description  CRYSTAL OSCILLATOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIWARD [SIWARD Crystal Technology Co., Ltd.]
Direct Link  https://www.siward.com/en
Logo SIWARD - SIWARD Crystal Technology Co., Ltd.

OSC95_HCSL Datasheet(HTML) 1 Page - SIWARD Crystal Technology Co., Ltd.

  OSC95_HCSL Datasheet HTML 1Page - SIWARD Crystal Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Applications
Features
˙Data centers / Gbits / Ethernet
˙Small ceramic package / Dimensions (2.5* 2.0 *0.95)
˙Optical modules/ Internet of Things
˙Low Phase Jitter
˙5G network infrastructure/ Servers
Jitter 60 fs max @12KHz to 20MHz
Specifications
Package quantity : 3,000pcs max./Reel
Outline and Dimensions [unit: mm]
Land Pattern(REFERENCE)
Rise & Fall time
Power supply voltage
Current consumption
Output level
Output Load
Output voltage level
±50ppm / ±100ppm
Nominal frequency
31.25~312.5MHz
Storage temperature range
-55 ∼ +125
℃
Operating temperature range
-40
∼ +85 ℃ / -40 ∼ +105 ℃
Frequency stability
CRYSTAL OSCILLATOR
OSC95
Model
OSC95
Start-up time
5ms @90%VDD
1.8V, 2.5V, 3.3V DC±10%
25 mA max.
HCSL
VOL: -0.15~+0.15V / VOH: 0.55~0.90V
0.5ns max.@20%Vopp
∼ 80%Vopp
Duty cycle
45
%∼55% at 50%Vopp
50 Ω ( to GND)
60 fs max.@12KHz to 20MHz (156.25MHz)
Jitter
5 ps max.@RMS Jitter
Phase Jitter


Similar Part No. - OSC95_HCSL

ManufacturerPart #DatasheetDescription
logo
France Joint
OSC95X115X13 FRANCEJOINT-OSC95X115X13 Datasheet
410Kb / 5P
INVERTED SHAFT SEALS
OSC95X120X13 FRANCEJOINT-OSC95X120X13 Datasheet
410Kb / 5P
INVERTED SHAFT SEALS
logo
SIWARD Crystal Technolo...
OSC95_LVDS SIWARD-OSC95_LVDS Datasheet
252Kb / 1P
CRYSTAL OSCILLATOR
OSC95_LVPECL SIWARD-OSC95_LVPECL Datasheet
250Kb / 1P
CRYSTAL OSCILLATOR
More results

Similar Description - OSC95_HCSL

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
TG-2832CB EPSONTOYOCOM-TG-2832CB Datasheet
477Kb / 1P
Crystal oscillator
logo
ECM Electronics Limited...
GBS303 ECM-GBS303 Datasheet
111Kb / 1P
Crystal Oscillator
logo
Epson ToYoCom
EG-2002CA EPSONTOYOCOM-EG-2002CA Datasheet
325Kb / 2P
CRYSTAL OSCILLATOR
SG-771PCD EPSONTOYOCOM-SG-771PCD Datasheet
366Kb / 2P
CRYSTAL OSCILLATOR
logo
Vectron International, ...
PX-2600-ACA-BA VECTRON-PX-2600-ACA-BA Datasheet
265Kb / 4P
Crystal Oscillator
PX-7000-DAC-D VECTRON-PX-7000-DAC-D Datasheet
449Kb / 6P
Crystal Oscillator
PX-571 VECTRON-PX-571 Datasheet
1Mb / 8P
Crystal Oscillator
logo
NIHON DEMPA KOGYO
7311S-DF-104P NDK-7311S-DF-104P Datasheet
469Kb / 2P
Crystal Oscillator
logo
Epson ToYoCom
SG-3031CM EPSONTOYOCOM-SG-3031CM Datasheet
503Kb / 2P
Crystal Oscillator
VG5032EDN EPSONTOYOCOM-VG5032EDN Datasheet
553Kb / 2P
Crystal Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com