Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PHVL-3R9H155-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # PHVL-3R9H155-R
Description  PHVL Supercapacitors Cylindrical packs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

PHVL-3R9H155-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  PHVL-3R9H155-R Datasheet HTML 1Page - Eaton All Rights Reserved. PHVL-3R9H155-R Datasheet HTML 2Page - Eaton All Rights Reserved. PHVL-3R9H155-R Datasheet HTML 3Page - Eaton All Rights Reserved. PHVL-3R9H155-R Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data ELX1022
Effective February 2021
PHVL Supercapacitors
Cylindrical packs
Description
Eaton supercapacitors are high reliability, high
power, ultra-high capacitance energy storage
devices utilizing electric double layer capacitor
(EDLC) construction combined with proprietary
materials and processes. This combination of
advanced technologies allows Eaton to offer
a wide variety of capacitor solutions tailored to
applications for backup power, pulse power and
hybrid power systems.
They can be applied as the sole energy storage
or in combination with batteries to optimize cost,
life time and run time. System requirements can
range from a few microwatts to megawatts.
All products feature low ESR for high power
density with environmentally friendly materials for
a green power solution. Eaton supercapacitors are
maintenance-free with design lifetimes up to 20
years* and operating temperatures down to -40 °C
and up to +85 °C.
.
Features and benefits
Low leakage current, low self discharge
Large capacitance for high energy density
Ultra-low ESR for high power density
Applications
Pulse Power
Water and gas meters
Battery assist for peak power
Especially Lithium Thionyl
IoT sensors
Long duration, low power discharges
RTC
Memory backup
Bridging or hold-up power
Environmental compliance
Pb
HALOGEN
HF
FREE
*Supercapacitor lifetimes vary based on charge
voltage and temperature. See Eaton’s application
guidelines or contact your local Eaton sales
representative for more information on lifetime
estimates


Similar Part No. - PHVL-3R9H155-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
PHV EATON-PHV Datasheet
415Kb / 3P
Cylindrical pack
logo
Bellnix Co.,Ltd.
PHV BELLNIX-PHV Datasheet
283Kb / 4P
High efficiency, ultra small size output adjustable high voltage power suppy High Efficiency/l type resonance PWM mwthod 5W high voltage DC-DC converter
logo
TRACO Electronic AG
PHV TRACOPOWER-PHV Datasheet
209Kb / 4P
High Voltage Power Supplies PHV Series, 3.5 – 5 Watt
Rev. October 15, 2018
logo
List of Unclassifed Man...
PHV-5R4H155-R ETC2-PHV-5R4H155-R Datasheet
242Kb / 2P
Supercapacitors
logo
Cooper Bussmann, Inc.
PHV-5R4H155-R COOPER-PHV-5R4H155-R Datasheet
199Kb / 2P
Supercapacitors
More results

Similar Description - PHVL-3R9H155-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A0820-2R5474-R ETC2-A0820-2R5474-R Datasheet
178Kb / 2P
Supercapacitors
logo
Cooper Bussmann, Inc.
M0810-2R5105-R COOPER-M0810-2R5105-R Datasheet
253Kb / 2P
Supercapacitors
PM-5R0V474-R COOPER-PM-5R0V474-R Datasheet
246Kb / 2P
Supercapacitors
PHV-5R4V474-R COOPER-PHV-5R4V474-R Datasheet
199Kb / 2P
Supercapacitors
PB-5R0V104-R COOPER-PB-5R0V104-R_15 Datasheet
365Kb / 2P
5.0 volt cylindrical supercapacitors
logo
AVX Corporation
SCC-LE AVX-SCC-LE Datasheet
414Kb / 8P
New Low ESR Cylindrical SuperCapacitors
logo
Eaton All Rights Reserv...
A0820-2R5474-R EATON-A0820-2R5474-R Datasheet
1Mb / 3P
A Supercapacitors Cylindrical cells
PA-5R0V224-R EATON-PA-5R0V224-R Datasheet
319Kb / 3P
PA Supercapacitors Cylindrical pack
logo
Kyocera Kinseki Corpota...
SCC-3.0V KSS-SCC-3.0V Datasheet
666Kb / 8P
High Capacitance Cylindrical SuperCapacitors
Rev 1
SCC KSS-SCC Datasheet
757Kb / 9P
High Capacitance Cylindrical SuperCapacitors
Rev 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com