Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP13N90MP Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP13N90MP
Description  900V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP13N90MP Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP13N90MP Datasheet HTML 1Page - A POWER MICROELECTRONICS AP13N90MP Datasheet HTML 2Page - A POWER MICROELECTRONICS AP13N90MP Datasheet HTML 3Page - A POWER MICROELECTRONICS AP13N90MP Datasheet HTML 4Page - A POWER MICROELECTRONICS AP13N90MP Datasheet HTML 5Page - A POWER MICROELECTRONICS AP13N90MP Datasheet HTML 6Page - A POWER MICROELECTRONICS AP13N90MP Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP13N90MP
900V N-Channel Enhancement Mode MOSFET
AP13N90MP RVE1.0
永源微電子科技有限公司
Description
The AP13N90MP is silicon N-channel Enhanced
VDMOSFETs, is obtained by the self-aligned planar Technology
which reduce the conduction loss, improve switching
performance and enhance the avalanche energy. The transistor
can be used in various power switching circuit for system
miniaturization and higher efficiency.
General Features
VDS = 900V ID =13A
RDS(ON) < 700mΩ @ VGS=10V (Type:600mΩ)
Application
Uninterruptible Power Supply(UPS)
Power Factor Correction (PFC)
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP13N90MP
TO-247-3L
AP13N90MP XXX YYYY
1000
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Value
Units
VDSS
Drain-Source Voltage
900
V
VGS
Gate-Source Voltage
± 30
V
ID@TC=25
℃
Drain Current, VGS @ 10V
13
A
ID@TC=100
℃
Drain Current, VGS @ 10V
6.8
A
IDM
Drain Current - Pulsed
52
A
EAS
Single Pulsed Avalanche Energy
480
mJ
IAR
Avalanche Current
9.6
A
EAR
Repetitive Avalanche Energy
1.84
mJ
PD
Power Dissipation
278
W
Tj ,Tstg
Operating and Storage Temperature Range
-55 to +150
°C
RθJC
Thermal Resistance, Junction-to-Case
0.45
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
40
°C/W


Similar Part No. - AP13N90MP

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP13N50F APME-AP13N50F Datasheet
1Mb / 9P
500V N-Channel Enhancement Mode MOSFET
REV1.0
AP13N50F-B APME-AP13N50F-B Datasheet
1Mb / 9P
500V N-Channel Enhancement Mode MOSFET
REV1.0
AP13N50HF APME-AP13N50HF Datasheet
1Mb / 7P
500V N-Channel Enhancement Mode MOSFET
REV1.0
logo
Advanced Power Electron...
AP13N50I A-POWER-AP13N50I Datasheet
77Kb / 4P
Low On-resistance
AP13N50I-HF A-POWER-AP13N50I-HF Datasheet
102Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP13N90MP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA9N90C FAIRCHILD-FQA9N90C Datasheet
680Kb / 8P
900V N-Channel MOSFET
FQD2N90 FAIRCHILD-FQD2N90_09 Datasheet
847Kb / 9P
900V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR2N90BPG FOSTER-FIR2N90BPG Datasheet
3Mb / 9P
900V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLP9N90CZ MAPLESMI-SLP9N90CZ Datasheet
1Mb / 7P
900V N-Channel MOSFET
logo
Jiangsu Donghai Semicon...
9NE90 WXDH-9NE90 Datasheet
1Mb / 11P
9A 900V N-channel Enhancement Mode Power MOSFET
F9NE90 WXDH-F9NE90 Datasheet
1Mb / 11P
9A 900V N-channel Enhancement Mode Power MOSFET
I9NE90 WXDH-I9NE90 Datasheet
1Mb / 11P
9A 900V N-channel Enhancement Mode Power MOSFET
logo
DACO SEMICONDUCTOR CO.,...
DADMI056N090Z1B DACO-DADMI056N090Z1B Datasheet
489Kb / 5P
N-Channel Enhancement Mode Power MOSFET 900V / 56A
Oct 2023 Rev 1.0
DAEMI056N090Z1B DACO-DAEMI056N090Z1B Datasheet
470Kb / 5P
N-Channel Enhancement Mode Power MOSFET 900V / 56A
sep 2023 Rev 1.0
DADMH056N090Z1B DACO-DADMH056N090Z1B Datasheet
483Kb / 5P
N-Channel Enhancement Mode Power MOSFET 900V / 56A
Oct 2023 Rev 1.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com