Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP5N50F Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP5N50F
Description  500V N-Channel Enhancement Mode MOSFE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP5N50F Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP5N50F Datasheet HTML 1Page - A POWER MICROELECTRONICS AP5N50F Datasheet HTML 2Page - A POWER MICROELECTRONICS AP5N50F Datasheet HTML 3Page - A POWER MICROELECTRONICS AP5N50F Datasheet HTML 4Page - A POWER MICROELECTRONICS AP5N50F Datasheet HTML 5Page - A POWER MICROELECTRONICS AP5N50F Datasheet HTML 6Page - A POWER MICROELECTRONICS AP5N50F Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP5N50F
500V N-Channel Enhancement Mode MOSFE
AP5N50F Rve1.0
臺灣永源微電子科技有限公司
Electrical Characteristics (TC=25
℃ unless otherwise specified)
Parameter
Symbol
Test Conditions
Value
Unit
Min.
Typ.
Max.
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0V, ID = 250µA
500
--
--
V
Zero Gate Voltage Drain Current
IDSS
VDS = 500V, VGS = 0V, TJ = 25ºC
--
--
1
μA
Gate-Source Leakage
IGSS
VGS = ±30V
--
--
±
100
nA
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250µA
3.0
--
4.0
V
Drain-Source On-Resistance
(Note3)
RDS(on)
VGS = 10V, ID = 3.5A
--
1
1.2
Ω
Input Capacitance
Ciss
VGS = 0V,
VDS =
25V, f =
1.0MHz
--
700
--
pF
Output Capacitance
Coss
--
94
--
Reverse Transfer Capacitance
Crss
--
12
--
Total Gate Charge
Qg
VDD = 400V, ID = 7A,
VGS = 10V
--
19
--
nC
Gate-Source Charge
Qgs
--
3.7
--
Gate-Drain Charge
Qgd
--
11
--
Turn-on Delay Time
td(on)
VDD = 250V, ID =7A,
RG = 25Ω
--
13
--
ns
Turn-on Rise Time
tr
--
20
--
Turn-off Delay Time
td(off)
--
76
--
Turn-off Fall Time
tf
--
40
--
Continuous Body Diode Current
IS
TC = 25 ºC
--
--
7.0
A
Pulsed Diode Forward Current
ISM
--
--
28
Body Diode Voltage
VSD
TJ = 25ºC, ISD = 7A, VGS = 0V
--
--
1.4
V
Reverse Recovery Time
trr
VGS = 0V,IS = 7A,
diF/dt =100A /μs
--
260
--
ns
Reverse Recovery Charge
Qrr
--
3.8
--
μC
Notes
1.
Repetitive Rating: Pulse width limited by maximum junction temperature
2.
IAS = 4.2A, VDD = 50V, RG = 25 Ω, Starting TJ = 25 ºC
3.
Pulse Test: Pulse width ≤ 300μs, Duty Cycle ≤ 1%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com