Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP2H10LI Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP2H10LI
Description  100V NN-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP2H10LI Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP2H10LI Datasheet HTML 1Page - A POWER MICROELECTRONICS AP2H10LI Datasheet HTML 2Page - A POWER MICROELECTRONICS AP2H10LI Datasheet HTML 3Page - A POWER MICROELECTRONICS AP2H10LI Datasheet HTML 4Page - A POWER MICROELECTRONICS AP2H10LI Datasheet HTML 5Page - A POWER MICROELECTRONICS AP2H10LI Datasheet HTML 6Page - A POWER MICROELECTRONICS AP2H10LI Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP2H10LI
100V N+N-Channel Enhancement Mode MOSFET
AP2H10LI REV1.0
永源微電子科技有限公司
Description
The AP2H10LI uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 100V ID =2.8A
RDS(ON) < 300mΩ @ VGS=10V (Type:220mΩ)
Application
Atomizer
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP2H10LI
SOT23-6L
AP2H10LI
3000
Absolute Maximum Ratings (TC=25
℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
100
V
VGS
Gate-Source Voltage
±20
V
ID@TA=25
℃
Continuous Drain Current, VGS @ 10V1
2.8
A
ID@TA=100
℃
Continuous Drain Current, VGS @ 10V1
1.4
A
IDM
Pulsed Drain Current2
8.8
A
PD@TA=25
℃
Total Power Dissipation3
2.3
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-ambient 1
125
℃/W
RθJC
Thermal Resistance Junction-Case1
45
℃/W


Similar Part No. - AP2H10LI

ManufacturerPart #DatasheetDescription
logo
Altech corporation
AP2 ALTECH-AP2 Datasheet
386Kb / 1P
30 mm Non-Illuminated Projecting Momentary Metal Operator APx
logo
ADAPTIVE
AP2-024-06-11 ADAPTIVE-AP2-024-06-11 Datasheet
354Kb / 3P
2-stage, Peltier cooler module
logo
Knowles Electronics
AP20-4 KNOWLES-AP20-4 Datasheet
3Mb / 60P
Introduction to Knowles Precision Devices
AP20-4E KNOWLES-AP20-4E Datasheet
3Mb / 60P
Introduction to Knowles Precision Devices
AP20-5 KNOWLES-AP20-5 Datasheet
3Mb / 60P
Introduction to Knowles Precision Devices
More results

Similar Description - AP2H10LI

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN10A11G ZETEX-ZXMN10A11G Datasheet
1Mb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10B08E6 ZETEX-ZXMN10B08E6 Datasheet
252Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN10A08DN8 DIODES-ZXMN10A08DN8 Datasheet
185Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
JANUARY 2005
ZXMN10A09K DIODES-ZXMN10A09K Datasheet
660Kb / 8P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 7
ZXMN10A11K DIODES-ZXMN10A11K Datasheet
670Kb / 8P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMT10H015LK3 DIODES-DMT10H015LK3 Datasheet
533Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
logo
Shanghai Leiditech Elec...
LMTL5N10 LEIDITECH-LMTL5N10 Datasheet
6Mb / 5P
100V N-Channel Enhancement Mode MOSFET
logo
DONGGUAN YOU FENG WEI E...
YFW8H10S YFWDIODE-YFW8H10S Datasheet
1Mb / 5P
100V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW10H10S YFWDIODE-YFW10H10S Datasheet
1Mb / 5P
100V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFWG40H10NF YFWDIODE-YFWG40H10NF Datasheet
1Mb / 5P
100V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com