Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP2N150MP Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP2N150MP
Description  1500V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP2N150MP Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP2N150MP Datasheet HTML 1Page - A POWER MICROELECTRONICS AP2N150MP Datasheet HTML 2Page - A POWER MICROELECTRONICS AP2N150MP Datasheet HTML 3Page - A POWER MICROELECTRONICS AP2N150MP Datasheet HTML 4Page - A POWER MICROELECTRONICS AP2N150MP Datasheet HTML 5Page - A POWER MICROELECTRONICS AP2N150MP Datasheet HTML 6Page - A POWER MICROELECTRONICS AP2N150MP Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP2N150MP
1500V N-Channel Enhancement Mode MOSFET
AP2N150MP RVE1.0
永源微電子科技有限公司
Description
The AP2N150MP is silicon N-channel Enhanced
VDMOSFETs, is obtained by the self-aligned planar Technology
which reduce the conduction loss, improve switching
performance and enhance the avalanche energy. The transistor
can be used in various power switching circuit for system
miniaturization and higher efficiency.
General Features
VDS = 1500V ID =2.0A
RDS(ON) < 13Ω @ VGS=10V (Type:11.5Ω)
Application
Uninterruptible Power Supply(UPS)
Power Factor Correction (PFC)
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP2N150MP
TO-247-3L
AP2N150MP XXX YYYY
330
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Value
Units
VDSS
Drain-Source Voltage
1500
V
VGS
Gate-Source Voltage
±30
V
ID@TC=25
℃
Drain Current, VGS @ 10V
2.0
A
ID@TC=100
℃
Drain Current, VGS @ 10V
1.1
A
IDM
Drain Current - Pulsed
8
A
EAS
Single Pulsed Avalanche Energy
88.2
mJ
IAR
Avalanche Current
4.2
A
EAR
Repetitive Avalanche Energy
0.35
mJ
PD
Power Dissipation
290.7
W
Tj ,Tstg
Operating and Storage Temperature Range
-55 to +150
°C
RθJC
Thermal Resistance, Junction-to-Case
3.47
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
40
°C/W


Similar Part No. - AP2N150MP

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP2N100D APME-AP2N100D Datasheet
1Mb / 7P
1000V N-Channel Enhancement Mode MOSFET
AP2N100MSI APME-AP2N100MSI Datasheet
1Mb / 7P
1000V N-Channel Enhancement Mode MOSFET
More results

Similar Description - AP2N150MP

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com