Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP3G03LI Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP3G03LI
Description  30V NP-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP3G03LI Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP3G03LI Datasheet HTML 1Page - A POWER MICROELECTRONICS AP3G03LI Datasheet HTML 2Page - A POWER MICROELECTRONICS AP3G03LI Datasheet HTML 3Page - A POWER MICROELECTRONICS AP3G03LI Datasheet HTML 4Page - A POWER MICROELECTRONICS AP3G03LI Datasheet HTML 5Page - A POWER MICROELECTRONICS AP3G03LI Datasheet HTML 6Page - A POWER MICROELECTRONICS AP3G03LI Datasheet HTML 7Page - A POWER MICROELECTRONICS AP3G03LI Datasheet HTML 8Page - A POWER MICROELECTRONICS AP3G03LI Datasheet HTML 9Page - A POWER MICROELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
30V N+P-Channel Enhancement Mode MOSFET
AP3G03LI Rve1.0
臺灣永源微電子科技有限公司
N-Channel Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
V(BR)DSS
Drain-source
breakdown
voltage
VGS = 0V, ID = 250µA
30
V
VGS(th)
Gate-source
threshold
voltage
VDS =VGS, ID = 250µA
0.6
1.4
V
IGSS
Gate-body
leakage
current
VDS =0V, VGS = ±12V
±100
nA
IDSS
Zero gate voltage drain current
VDS = 30V, VGS =0V
1
µA
RDS(on)
Static Drain-Source On-Resistance
VGS = 10V, ID = 3.4A
50
60
mΩ
VGS = 4.5V, ID = 3A
60
75
mΩ
VGS = 2.5V, ID = 2.8A
88
115
mΩ
gfs
Forward
transconductancea
VDS = 5V, ID = 4A
8
S
VSD
Diode forward voltage
IS= 1A,VGS=0V
0.8
1.3
V
IS
Maximum Body-Diode Continuous
Current
1.5
A
Ciss
Input
capacitance
VDS = 15V, VGS =0V,
f=1MHz
390
pF
Coss
Output
capacitance
54.5
pF
Crss
Reverse
transfer
capacitanceb
41
pF
Qg
Total gate charge
VDS = 15V,
VGS = 10V, ID =4A
4.5
nC
Qgs
Gate-source charge
1.4
nC
Qgd
Gate-drain charge
0.6
nC
Rg
Gate
resistance
f=1MHz
3
Ω
td(on)
Turn-on delay time
VDS= 15V
RL=5Ω, ID =4A,
VGS= 10V,Rg=6Ω
4
ns
tr
Rise time
2
ns
td(off)
Turn-off delay time
22
ns
tf
Fall time
3
ns
Trr
Body Diode Reverse Recovery Time
IF=4A, dI/dt=100A/µs
11
ns
Qrr
Body Diode Reverse Recovery Charge
IF=4A, dI/dt=100A/µs
5.5
nC
Notes:
1. Repetitive Rating : Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board, t < 10 sec.
3. Pulse Test : Pulse Width≤300µs, Duty Cycle ≤ 2%.
4. Guaranteed by design, not subject to production testing
AP3G03LI



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com