Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP3HV02BF Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP3HV02BF
Description  20V NPNP-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP3HV02BF Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP3HV02BF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP3HV02BF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP3HV02BF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP3HV02BF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP3HV02BF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP3HV02BF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP3HV02BF Datasheet HTML 7Page - A POWER MICROELECTRONICS AP3HV02BF Datasheet HTML 8Page - A POWER MICROELECTRONICS AP3HV02BF Datasheet HTML 9Page - A POWER MICROELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AP3HV02BF
20V NP+NP-Channel Enhancement Mode MOSFET
AP3HV02BF REV1.0
永源微電子科技有限公司
Description
The AP3HV02BF uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 2.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 20V ID =3.3A
RDS(ON) < 50mΩ @ VGS=4.5V (Type:42mΩ)
VDS = -20V ID =-2.8A
RDS(ON) < 120mΩ @ VGS=-4.5V(Type:95mΩ)
Application
BLDC
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP3HV02BF
DFN2*2-6L
AP3HV02BF XXX YYYY
3000
Absolute Maximum Ratings (TC=25
℃unless otherwise noted)
Symbol
Parameter
N-Ch
P-Ch
Units
VDS
Drain-Source Voltage
20
-20
V
VGS
Gate-Source Voltage
±
20
±
20
V
ID@TA=25℃
Continuous Drain Current, VGS @ 10V1
3.3
-2.8
A
ID@TA=70℃
Continuous Drain Current, VGS @ 10V1
1.5
-1.0
A
IDM
Pulsed Drain Current2
52
-40
A
EAS
Single Pulse Avalanche Energy3
12
18
mJ
PD@TA=25℃
Total Power Dissipation4
1.5
1.5
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
105
℃
/W
RθJC
Thermal Resistance Junction-Case1
50
℃
/W


Similar Part No. - AP3HV02BF

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP3HV02LI APME-AP3HV02LI Datasheet
920Kb / 10P
20V NNPP-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP3HV02BF

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
NP05-1C90-500-250 MEDER-NP05-1C90-500-250 Datasheet
90Kb / 1P
NP Reed Relays
NP12-1A66-11000-210 MEDER-NP12-1A66-11000-210 Datasheet
92Kb / 1P
NP Reed Relays
NP12-1A66-1300-210 MEDER-NP12-1A66-1300-210 Datasheet
92Kb / 1P
NP Reed Relays
NP12-1A66-2500-210 MEDER-NP12-1A66-2500-210 Datasheet
92Kb / 1P
NP Reed Relays
NP24-1A66-5000-213 MEDER-NP24-1A66-5000-213 Datasheet
92Kb / 1P
NP Reed Relays
NP24-1C90-2500-250 MEDER-NP24-1C90-2500-250 Datasheet
92Kb / 1P
NP Reed Relays
NP05-2A66-500-220 MEDER-NP05-2A66-500-220 Datasheet
180Kb / 2P
NP Reed Relay
NP12-2A66-1500-220 MEDER-NP12-2A66-1500-220 Datasheet
75Kb / 1P
NP Reed Relay
logo
Shenzhen Jin Yu Semicon...
MMBTA44 HTSEMI-MMBTA44 Datasheet
700Kb / 1P
TRANSISTOR(NP)
logo
List of Unclassifed Man...
BC158 ETC1-BC158 Datasheet
209Kb / 4P
TRANZYSTORY p-np
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com