Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP3N80D Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP3N80D
Description  800V N-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP3N80D Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP3N80D Datasheet HTML 1Page - A POWER MICROELECTRONICS AP3N80D Datasheet HTML 2Page - A POWER MICROELECTRONICS AP3N80D Datasheet HTML 3Page - A POWER MICROELECTRONICS AP3N80D Datasheet HTML 4Page - A POWER MICROELECTRONICS AP3N80D Datasheet HTML 5Page - A POWER MICROELECTRONICS AP3N80D Datasheet HTML 6Page - A POWER MICROELECTRONICS AP3N80D Datasheet HTML 7Page - A POWER MICROELECTRONICS AP3N80D Datasheet HTML 8Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AP3N80DIY
800V N-Channel Enhancement Mode MOSFET
AP3N80D/Y REV1.0
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain-source Breakdown Voltage
VGS=0V, ID=250UA
800
870
V
VGS(TH)
Gate Threshold Voltage
VGS=VDS, ID=250uA
3.0
4.0
5.0
V
IDSS
Drain-source Leakage Current
VDS=800V, VGS=0V, Tj=25
℃
1
uA
VDS=640V, VGS=0V, Tj=125
℃
10
uA
gfs
Forward Transconductance
VDS=15V, ID=2.0A
2.5
S
IGSS
Gate-body Leakage Current
VGS =±30V
±100
nA
RDS(ON)
Static Drain-source On Resistance
VGS=10V, ID=2.0A
4.8
5.5
Ω
Ciss
Input Capacitance
VGS=0V, VDS=25V F=1.0MHZ
530
pF
Coss
Output Capacitance
57
pF
Crss
Reverse transfer Capacitance
7.0
pF
Td(on)
Turn-on Delay Time
VDD=400V, ID =3.0A
RG=25Ω
15
ns
Tr
Rise Time
40
ns
Td(off)
Turn -Off Delay Time
30
ns
Tf
Fall Time
30
ns
Qg
Total Gate Charge
ID=3.0A, VDS=640V
VGS=10V
15
nC
Qgs
Gate-to-Source Charge
3.5
nC
Qgd
Gate-to-Drain Charge
7.7
nC
IS
Continuous Diode Forward
Current
3.0
A
VSD
Diode Forward Voltage
Tj=25°C, Is=3.0A VGS =0V
1.4
V
trr
Reverse Recovery Time
Tj=25°C, If=3.0A di/dt=100A/μs
530
ns
Qrr
Reverse Recovery Charge
2.8
uC
Note :
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2
、The EAS data shows Max. rating . IAS = 4.5A, VDD = 50V, RG = 25 Ω, Starting TJ = 25 ºC
3
、The test condition is Pulse Test: Pulse width ≤ 300μs, Duty Cycle ≤ 1%
4
、The power dissipation is limited by 150℃ junction temperature
5
、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com