Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M27C320 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M27C320
Description  32 Mbit (4Mb x8 or 2Mb x16) OTP EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C320 Datasheet(HTML) 5 Page - STMicroelectronics

  M27C320 Datasheet HTML 1Page - STMicroelectronics M27C320 Datasheet HTML 2Page - STMicroelectronics M27C320 Datasheet HTML 3Page - STMicroelectronics M27C320 Datasheet HTML 4Page - STMicroelectronics M27C320 Datasheet HTML 5Page - STMicroelectronics M27C320 Datasheet HTML 6Page - STMicroelectronics M27C320 Datasheet HTML 7Page - STMicroelectronics M27C320 Datasheet HTML 8Page - STMicroelectronics M27C320 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5/15
M27C320
Table 7. Read Mode DC Characteristics (1)
(TA = 0 to 70 °C; VCC =5V ± 10%)
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
2. Maximum DC voltage on Output is VCC +0.5V.
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
±1
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VCC
±10
µA
ICC
Supply Current
E= VIL,G= VIL,IOUT = 0mA,
f = 8MHz
70
mA
E= VIL,G= VIL,IOUT = 0mA,
f = 5MHz
50
mA
ICC1
Supply Current (Standby) TTL
E= VIH
1mA
ICC2
Supply Current (Standby) CMOS
E>VCC – 0.2V
100
µA
IPP
Program Current
VPP =VCC
10
µA
VIL
Input Low Voltage
–0.3
0.8
V
VIH
(2)
Input High Voltage
2
VCC +1
V
VOL
Output Low Voltage
IOL = 2.1mA
0.4
V
VOH
Output High Voltage TTL
IOH =–400µA
2.4
V
System Considerations
The power switching characteristics of Advanced
CMOS EPROMs require carefull decoupliing of
the supplies to the devices. The supply current ICC
has three segments of importance to the system
designer: the standby current, the active current
and the transient peaks that are produced by the
falling and rising edges of E.
The magnitude of the transient current peaks is
dependant on the capacititive and inductive load-
ing of the device outputs. The associated transient
voltage peaks can be supressed by complying
with the two line output control and by properly se-
lected decoupling capacitors. It is recommended
that a 0.1
µF ceramic capacitor is used on every
device between VCC and VSS. This should be a
high frequency type of low inherent inductance
and should be placed as close as possible to the
device. In addition, a 4.7
µF electrolytic capacitor
should be used between VCC and VSS for every
eight devices. This capacitor should be mounted
near the power supply connection point. The pur-
pose of this capacitor is to overcome the voltage
drop caused by the inductive effects of PCB trac-
es.
Programming
When delivered, all bits of the M27C320 are in the
’1’ state. Data is introduced by selectively pro-
gramming ’0’s into the desired bit locations. Al-
though only ’0’s will be programmed, both ’1’s and
’0’s can be present in the data word. The
M27C320 is in the programming mode when VPP
input is at 12.5V, G is at VIH and E is pulsed to VIL.
The data to be programmed is applied to 16 bits in
parallel to the data output pins. The levels required
for the address and data inputs are TTL. VCC is
specified to be 6.25V
± 0.25V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com