Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PS8352AL2-E3-AX Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # PS8352AL2-E3-AX
Description  ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS8352AL2-E3-AX Datasheet(HTML) 4 Page - Renesas Technology Corp

  PS8352AL2-E3-AX Datasheet HTML 1Page - Renesas Technology Corp PS8352AL2-E3-AX Datasheet HTML 2Page - Renesas Technology Corp PS8352AL2-E3-AX Datasheet HTML 3Page - Renesas Technology Corp PS8352AL2-E3-AX Datasheet HTML 4Page - Renesas Technology Corp PS8352AL2-E3-AX Datasheet HTML 5Page - Renesas Technology Corp PS8352AL2-E3-AX Datasheet HTML 6Page - Renesas Technology Corp PS8352AL2-E3-AX Datasheet HTML 7Page - Renesas Technology Corp PS8352AL2-E3-AX Datasheet HTML 8Page - Renesas Technology Corp PS8352AL2-E3-AX Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
PS8352AL2
Chapter Title
R08DS0132EJ0101 Rev.1.01
Page 4 of 19
May 25, 2021
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Operating Ambient Temperature
TA
– 40 to +110
C
Storage Temperature
Tstg
– 55 to +125
C
Supply Voltage
VDD1, VDD2
0 to 5.5
V
Input Voltage
VIN+, VIN-
– 2 to VDD1 +0.5
V
2 Seconds Transient Input Voltage
VIN+, VIN-
– 6 to VDD1 +0.5
V
Output Voltage
VOUT+, VOUT-
– 0.5 to VDD2 +0.5
V
Isolation Voltage*1
BV
5 000
Vr.m.s.
Notes*: 1. AC voltage for 1 minute at TA = 25
C , RH = 60 % between input and output.
Pins 1-4 shorted together, 5-8 shorted together.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
MAX.
Unit
Operating Ambient Temperature
TA
– 40
110
C
Supply Voltage
VDD1, VDD2
4.5
5.5
V
Input Voltage
(Accurate and Linear) *1
VIN+, VIN-
– 200
200
mV
Notes*: 1. Using VIN- = 0 V (to be connected to GND1) is recommended. Avoid using VIN- of 2.5 V or more, because the
internal test mode is activated when the voltage VIN- reaches more than 2.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com