Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI2EQX4402D Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI2EQX4402D
Description  2.5 Gbps x2 Lane Serial PCI Express Repeater/Equalizer with Signal Detect feature
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2EQX4402D Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI2EQX4402D Datasheet HTML 1Page - Pericom Semiconductor Corporation PI2EQX4402D Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2EQX4402D Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2EQX4402D Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2EQX4402D Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2EQX4402D Datasheet HTML 6Page - Pericom Semiconductor Corporation PI2EQX4402D Datasheet HTML 7Page - Pericom Semiconductor Corporation PI2EQX4402D Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
PS8873B
11/16/06
PI2EQX4402D
2.5Gbps x2 Lane Serial PCI Express Repeater / Equalizer
with Signal Detect feature
Block Diagram
Pin Description (Top View)
1234
5
6789
10
A
SD_A
SD_B
SEL0_A SEL0_B SEL4_A SEL4_B SEL6_A SEL6_B
EN_A
EN_B
B
VDD
SD_C
VDD
SEL1_A SEL2_A SEL3_A SEL5_A
VDD
EN_C
VDD
C
BO+
SD_D
AI+
SEL1_B SEL2_B SEL3_B SEL5_B
BI+
EN_D
AO+
D
BO–
VDD
AI–
84-Ball LFBGA
BI–
GND
AO–
E
GND
VDD
GND
GND
GND
GND
F
VDD
GND
VDD
VDD
GND
VDD
G
DO+
SEL0_C
CI+
DI+
SEL6_C CO+
H
DO–
SEL0_D
CI–
VDD
CKIN+ CKIN–
GND
DI–
SEL6_D
CO–
J
GND
SEL1_C GND
SEL2_C SEL2_D SEL3_D
IREF
GND
SEL4_D GND
K
EN_CLK SEL1_D SEL3_C SEL4_C OUT0+ OUT0– OUT1+ OUT1– SEL5_C SEL5_D
SD_x
Power
Management
xl+
CML
xl-
xO+
xO-
CML
Limiting
Amp
Equalizer
CKIN-
CKIN+
OUT0-
OUT0+
OUT1-
OUT1+
SEL[3:4]_x SEL[5:6]_x
Buffer
EN_CLK
IREF
LVCMOS
06-0306



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com